Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2111B Datasheet(PDF) 257 Page - Renesas Technology Corp

No. de pieza H8S/2111B
Descripción Electrónicos  16-Bit Single-Chip Microcomputer
PDF  582 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2111B Datasheet(HTML) 257 Page - Renesas Technology Corp

Back Button H8S/2111B Datasheet HTML 253Page - Renesas Technology Corp H8S/2111B Datasheet HTML 254Page - Renesas Technology Corp H8S/2111B Datasheet HTML 255Page - Renesas Technology Corp H8S/2111B Datasheet HTML 256Page - Renesas Technology Corp H8S/2111B Datasheet HTML 257Page - Renesas Technology Corp H8S/2111B Datasheet HTML 258Page - Renesas Technology Corp H8S/2111B Datasheet HTML 259Page - Renesas Technology Corp H8S/2111B Datasheet HTML 260Page - Renesas Technology Corp H8S/2111B Datasheet HTML 261Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 257 / 582 page
background image
Rev. 1.00, 05/04, page 223 of 544
11.2
Input/Output Pins
The WDT has the pins listed in table 11.1.
Table 11.1
Pin Configuration
Name
Symbol
I/O
Function
Reset output pin
RESO
Output
Outputs the counter overflow signal in
watchdog timer mode
External sub-clock input pin EXCL
Input
Inputs the clock pulses to the WDT_1
prescaler counter
11.3
Register Descriptions
The WDT has the following registers. To prevent accidental overwriting, TCSR and TCNT have
to be written to in a method different from normal registers. For details, refer to section 11.6.1,
Notes on Register Access. For details on the system control register, refer to section 3.2.2, System
Control Register (SYSCR).
• Timer counter (TCNT)
• Timer control/status register (TCSR)
11.3.1
Timer Counter (TCNT)
TCNT is an 8-bit readable/writable up-counter.
TCNT is initialized to H'00 when the TME bit in the timer control/status register (TCSR) is
cleared to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com