Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2111B Datasheet(PDF) 260 Page - Renesas Technology Corp

No. de pieza H8S/2111B
Descripción Electrónicos  16-Bit Single-Chip Microcomputer
PDF  582 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2111B Datasheet(HTML) 260 Page - Renesas Technology Corp

Back Button H8S/2111B Datasheet HTML 256Page - Renesas Technology Corp H8S/2111B Datasheet HTML 257Page - Renesas Technology Corp H8S/2111B Datasheet HTML 258Page - Renesas Technology Corp H8S/2111B Datasheet HTML 259Page - Renesas Technology Corp H8S/2111B Datasheet HTML 260Page - Renesas Technology Corp H8S/2111B Datasheet HTML 261Page - Renesas Technology Corp H8S/2111B Datasheet HTML 262Page - Renesas Technology Corp H8S/2111B Datasheet HTML 263Page - Renesas Technology Corp H8S/2111B Datasheet HTML 264Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 260 / 582 page
background image
Rev. 1.00, 05/04, page 226 of 544
Bit
Bit Name
Initial
Value
R/W
Description
4
PSS
0
R/W
Prescaler Select
Selects the clock source to be input to TCNT.
0: Counts the divided cycle of
φ–based prescaler (PSM)
1: Counts the divided cycle of
φSUB–based prescaler
(PSS)
3
RST/
NMI 0
R/W
Reset or NMI
Selects to request an internal reset or an NMI interrupt
when TCNT has overflowed.
0: An NMI interrupt is requested
1: An internal reset is requested
2
1
0
CKS2
CKS1
CKS0
0
0
0
R/W
R/W
R/W
Clock Select 2 to 0
Selects the clock source to be input to TCNT. The
overflow cycle for
φ = 10 MHz and φSUB = 32.768 kHz is
enclosed in parentheses.
When PSS = 0:
000:
φ/2 (frequency: 51.2 µs)
001:
φ/64 (frequency: 1.64 ms)
010:
φ/128 (frequency: 3.28 ms)
011:
φ/512 (frequency: 13.1 ms)
100:
φ/2048 (frequency: 52.4 ms)
101:
φ/8192 (frequency: 209.7 ms)
110:
φ/32768 (frequency: 0.84 s)
111:
φ/131072 (frequency: 3.36 s)
When PSS = 1:
000:
φSUB/2 (cycle: 15.6 ms)
001:
φSUB/4 (cycle: 31.3 ms)
010:
φSUB/8 (cycle: 62.5 ms)
011:
φSUB/16 (cycle: 125 ms)
100:
φSUB/32 (cycle: 250 ms)
101:
φSUB/64 (cycle: 500 ms)
110:
φSUB/128 (cycle: 1 s)
111:
φ/256 (cycle: 2 s)
Notes: 1. Only 0 can be written, to clear the flag.
2. When OVF is polled with the interval timer interrupt disabled, OVF = 1 must be read at
least twice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com