| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
H8S/2111B Datasheet(PDF) 266 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2111B Datasheet(HTML) 266 Page - Renesas Technology Corp |
|
266 / 582 page ![]() Rev. 1.00, 05/04, page 232 of 544 11.6.2 Conflict between Timer Counter (TCNT) Write and Increment If a timer counter clock pulse is generated during the T2 state of a TCNT write cycle, the write takes priority and the timer counter is not incremented. Figure 11.7 shows this operation. Address φ Internal write signal TCNT input clock TCNT N M T 1 T 2 TCNT write cycle Counter write data Figure 11.7 Conflict between TCNT Write and Increment 11.6.3 Changing Values of CKS2 to CKS0 Bits If bits CKS2 to CKS0 in TCSR are written to while the WDT is operating, errors could occur in the incrementation. Software must stop the watchdog timer (by clearing the TME bit to 0) before changing the values of bits CKS2 to CKS0. 11.6.4 Switching between Watchdog Timer Mode and Interval Timer Mode If the mode is switched from watchdog timer to interval timer, while the WDT is operating, errors could occur in the incrementation. Software must stop the watchdog timer (by clearing the TME bit to 0) before switching the mode. |