| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
H8S/2111B Datasheet(PDF) 267 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2111B Datasheet(HTML) 267 Page - Renesas Technology Corp |
|
267 / 582 page ![]() Rev. 1.00, 05/04, page 233 of 544 11.6.5 System Reset by RESO Signal Inputting the RESO output signal to the RESO pin of this LSI prevents the LSI from being initialized correctly; the RESO signal must not be logically connected to the RES pin of the LSI. To reset the entire system by the RESO signal, use the circuit as shown in figure 11.8. RES RESO This LSI Reset input Reset signal for entire system Figure 11.8 Sample Circuit for Resetting System by RESO Signal 11.6.6 Counter Values during Transitions between High-Speed, Sub-Active, and Watch Modes When developing a program with a program development tool (emulator), pay attention to the followings. When WDT_1 is used as a clock counter and is allowed to transit between high-speed mode and sub-active or watch mode, the counter does not display the correct value due to internal clock switching. Specifically, when transiting from high-speed mode to sub-active or watch mode, that is, when the control clock for WDT_1 switches from the main clock to the sub-clock, the counter incrementing timing is delayed for approximately two to three clock cycles. Similarly, when transiting from sub-active or watch mode to high-speed mode, the clock is not supplied until stabilized internal oscillation is available because the main clock oscillator is halted in sub-clock mode. The counter is therefore prevented from incrementing for the time specified by the STS2 to STS0 bits in SBYCR after internal oscillation starts, thus producing counter value differences for this time. Special care must be taken when using WDT_1 as a clock counter. Note that no counter value difference is produced while operated in the same mode. |