Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

TLV1548CDBLE Datasheet(PDF) 12 Page - Texas Instruments

No. de pieza TLV1548CDBLE
Descripción Electrónicos  LOW-VOLTAGE 10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 4/8 ANALOG INPUTS
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TLV1548CDBLE Datasheet(HTML) 12 Page - Texas Instruments

Back Button TLV1548CDBLE Datasheet HTML 8Page - Texas Instruments TLV1548CDBLE Datasheet HTML 9Page - Texas Instruments TLV1548CDBLE Datasheet HTML 10Page - Texas Instruments TLV1548CDBLE Datasheet HTML 11Page - Texas Instruments TLV1548CDBLE Datasheet HTML 12Page - Texas Instruments TLV1548CDBLE Datasheet HTML 13Page - Texas Instruments TLV1548CDBLE Datasheet HTML 14Page - Texas Instruments TLV1548CDBLE Datasheet HTML 15Page - Texas Instruments TLV1548CDBLE Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 41 page
background image
TLV1544C, TLV1544I, TLV1548C, TLV1548I, TLV1548M
LOW-VOLTAGE 10-BIT ANALOG-TO-DIGITAL CONVERTERS
WITH SERIAL CONTROL AND 4/8 ANALOG INPUTS
SLAS139C – DECEMBER 1996 – REVISED JANUARY 1999
12
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
9h
0h
Ab
X
D0
MUX Address for Channel 0
AsyncFlag Reset Low
Conversion Rate Set to Fast
Conversion Result From Channel 0
CS
DATA IN
DATA OUT
EOC
Signal Channel 0 Converted
FS
(For DSP Mode)
First Cycle After Powerup
Async Flag
(Internal)
Hi–Z
Hi–Z
Hi–Z
Hi–Z
X
Figure 4. Power Up Initialization
input clock inversion – INV CLK
The input data register uses I/O CLK as the source of the sampling clock. This clock can be inverted to provide
more setup time. INV CLK can invert the clock. When INV CLK is grounded, the input clock for the input data
register is inverted. This allows an additional one-half I/O CLK period for the input data setup time. This is useful
for some serial interfaces. When the input sampling clock is inverted, the output data changes at the same time
that the input data is sampled.
Table 6. Function of INV CLK
CONDITION
CLOCK
I/O CLK ACTIVE EDGE
INV CLK
FS at CS
↓
OUTPUT DATA
CHANGES ON
INPUT DATA
SAMPLED ON
High
High (MP† mode)
↓
↑
High
Low (DSP‡ mode)
↑
↓
Low
High (MP† mode)
↓
↓
Low
Low (DSP‡ mode)
↑
↑
† MP = microprocessor mode
‡ DSP = digital signal processor mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com