Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

TLV1548CDBLE Datasheet(PDF) 19 Page - Texas Instruments

No. de pieza TLV1548CDBLE
Descripción Electrónicos  LOW-VOLTAGE 10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 4/8 ANALOG INPUTS
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TLV1548CDBLE Datasheet(HTML) 19 Page - Texas Instruments

Back Button TLV1548CDBLE Datasheet HTML 15Page - Texas Instruments TLV1548CDBLE Datasheet HTML 16Page - Texas Instruments TLV1548CDBLE Datasheet HTML 17Page - Texas Instruments TLV1548CDBLE Datasheet HTML 18Page - Texas Instruments TLV1548CDBLE Datasheet HTML 19Page - Texas Instruments TLV1548CDBLE Datasheet HTML 20Page - Texas Instruments TLV1548CDBLE Datasheet HTML 21Page - Texas Instruments TLV1548CDBLE Datasheet HTML 22Page - Texas Instruments TLV1548CDBLE Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 41 page
background image
TLV1544C, TLV1544I, TLV1548C, TLV1548I, TLV1548M
LOW-VOLTAGE 10-BIT ANALOG-TO-DIGITAL CONVERTERS
WITH SERIAL CONTROL AND 4/8 ANALOG INPUTS
SLAS139C – DECEMBER 1996 – REVISED JANUARY 1999
19
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
10th
Clock
10%
I/O CLK
EOC
(
µp Mode)
10%
VIL
VOH
VOL
90%
10%
tf(EOC)
td(I/O-EOC)
VOH
VOL
td(I/O-EOC)
10%
EOC
(DSP Mode)
Figure 13. I/O CLK and EOC Voltage Waveforms
td1(FS)
I/O CLK
FS
90%
90%
10%
90%
tt(FS)
tt(FS)
10%
VIH
VIL
90%
td2(FS)
VIH
VIL
twH(FS)
Figure 14. FS and I/O CLK Voltage Waveforms
CS
tsu(CSTART)
td(EOC
↑-CS↓)
CSTART
EOC
10%
10%
10%
10%
VIL
td(I/O-EOC)
VOL
tw(CSTART)
90%
tt(CSTART)
90%
tt(CSTART)
Figure 15. CSTART and CS Waveforms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com