| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
MPC5604CEVLQ Datasheet(PDF) 49 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC5604CEVLQ Datasheet(HTML) 49 Page - Freescale Semiconductor, Inc |
|
49 / 98 page ![]() Electrical Characteristics MPC560xS Microcontroller Data Sheet Data Sheet, Rev. 1 Preliminary—Subject to Change Without Notice Freescale Semiconductor 49 3.4.3 Low voltage domain power consumption Table 16 provides DC electrical characteristics for significant application modes. These values are indicative values; actual consumption depends on the application. Table 15. Low voltage monitor electrical characteristics Symbol Parameter Conditions1 1 V DD = 3.3V ± 10% / 5.0V ± 10%, TA = -40 / +105°C, unless otherwise specified Value2 2 All values need to be confirmed during device validation. Unit Min Typ Max VPORH CC Power-on reset threshold TA = 25°C, after trimming 1.5 — 2.7 V VLVDHV3H CC LVDHV3 low voltage detector high threshold — — 2.8 VLVDHV3L CC LVDHV3 low voltage detector low threshold 2.7 — — VLVDHV5H CC LVDHV5 low voltage detector high threshold — — 4.37 VLVDHV5L CC LVDHV5 low voltage detector low threshold 4.2 — — VLVDLVCORH CC LVDLVCOR low voltage detector high threshold — — 1.185 VLVDLVCORL CC LVDLVCOR low voltage detector low threshold 1.095 — — Table 16. DC electrical characteristics Symbol Parameter Conditions1 1 V DD = 3.3V ± 10% / 5.0V ± 10%, TA = -40 / +125 °C Value2 2 All values need to be confirmed during device validation. Unit Min Typ Max IDDMAX SR Maximum current — — 135 mA IDDRUN 3 3 Value is for maximum peripherals turned on. May vary significantly based on different configurations, active peripherals, operating frequency, etc. CC RUN mode current — 130 — mA IDDWAIT CC WAIT mode current — 30 — mA IDDHALT CC HALT mode current 4.5 — 12 mA IDDSTOP CC STOP mode current IRC 16 MHz oscillator off — 1.5 — mA IDDSTOP CC STOP mode current HPVREG off — 800 — µA IDDSTOP CC STOP mode current IRC 16 MHz oscillator on — 4 — mA IDDSTDBY CC STANDBY mode current IRC 16 MHz oscillator off — 29 — µA IDDSTDBY CC STANDBY mode current IRC 16 MHz oscillator on — 300 — µA |