| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
MPC5604CEVLQ Datasheet(PDF) 65 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC5604CEVLQ Datasheet(HTML) 65 Page - Freescale Semiconductor, Inc |
|
65 / 98 page ![]() Electrical Characteristics MPC560xS Microcontroller Data Sheet Data Sheet, Rev. 1 Preliminary—Subject to Change Without Notice Freescale Semiconductor 65 3.14 Analog to Digital Converter (ADC) Electrical Characteristics The device provides a 10-bit Successive Approximation Register (SAR) Analog to Digital Converter. Table 31. Flash Module Life Symbol Parameter Conditions Value Unit Min Typ P/E Number of program/erase cycles per block for 16 Kbyte blocks over the operating temperature range (TJ) — 100,000 — cycles P/E Number of program/erase cycles per block for 32 Kbyte blocks over the operating temperature range (TJ) — 10,000 100,000 (TBD) cycles P/E Number of program/erase cycles per block for 128 Kbyte blocks over the operating temperature range (TJ) — 1,000 100,000 (TBD) cycles Retention Minimum data retention at 85 °C average ambient temperature1 1 Ambient temperature averaged over duration of application, not to exceed recommended product operating temperature range. Blocks with 0 - 1,000 P/E cycles 20 — years Blocks with 10,000 P/E cycles 10 — years Blocks with 100,000 P/E cycles 1 - 5 (TBD) —years |