Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

LTC1589CG Datasheet(PDF) 9 Page - Linear Technology

No. de pieza LTC1589CG
Descripción Electrónicos  12-/14-/16-Bit SoftSpan DACs with Programmable Output Range
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LINER [Linear Technology]
Página de inicio  http://www.linear.com
Logo LINER - Linear Technology

LTC1589CG Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC1589CG Datasheet HTML 5Page - Linear Technology LTC1589CG Datasheet HTML 6Page - Linear Technology LTC1589CG Datasheet HTML 7Page - Linear Technology LTC1589CG Datasheet HTML 8Page - Linear Technology LTC1589CG Datasheet HTML 9Page - Linear Technology LTC1589CG Datasheet HTML 10Page - Linear Technology LTC1589CG Datasheet HTML 11Page - Linear Technology LTC1589CG Datasheet HTML 12Page - Linear Technology LTC1589CG Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
LTC1588/LTC1589/LTC1592
1588992fa
OPERATIO
Serial Interface
When the CS/LD is brought to a logic low, the data on the
SDI input is loaded into the shift register on the rising edge
of the clock. A 4-bit command word (C3 C2 C1 C0),
followed by four “don’t care” bits and 16 data bits
(MSB-first) is the minimum loading sequence required for
the LTC1588/LTC1589/LTC1592. When the CS/LD is
brought to a logic high, the clock is disabled internally and
the command word is executed.
If no daisy-chaining is required, the input stream can be
24-bit wide as shown in Figure 1a. The first four bits are the
command word, followed by four “don’t care” bits, then a
16-bit data word. The last four bits (LSBs) of this 16-bit
data word are don’t cares for the LTC1588. For the
LTC1589, the last 2 bits of the 16-bit data word are don’t
cares.
If daisy-chaining is required or the input needs to be
written in two 16-bit wide segments, then the input stream
must be 32-bit wide and the first 8 bits loaded are “don’t
care” bits. The remaining bits work the same as a 24-bit
stream which is described in the previous paragraph. The
output of the internal 32-bit shift register is available on the
SDO pin 32 clock cycles later.
Multiple LTC1588/LTC1589/LTC1592s may be daisy-
chained together by connecting the SDO pin to the SDI pin
of the next IC. The clock and CS/LD signals should remain
common to all ICs in the daisy-chain. The serial data is
clocked to all ICs, then the CS/LD signal is pulled high to
update all of them simultaneously.
Power-On Reset and Clear
When the power supply is first turned on, the LTC1588/
LTC1589/LTC1592 will power up in 5V unipolar mode (C3
C2 C1 C0 = 1000). All the internal registers are set to zeros
and the DAC is set to zero code.
The LTC1588/LTC1589/LTC1592 must first be pro-
grammed in either unipolar or bipolar mode. There are six
operating modes available and can be software-pro-
grammed by the command word. When a CLR signal is
brought to low, it clears all internal registers to zero. The
DAC output voltage goes to zero volts. If an update DAC
command (C3 C2 C1 C0 = 0001) is issued immediately
after the CLR signal, the DAC output remains at zero volts.
If a CLR signal is given within a 100ns interval immediately
after CS/LD goes high, the user should reload the output
range.
Output Range Programming
There are two output ranges available in unipolar mode
and four output ranges available in bipolar mode. See
Function Table for details. All output ranges are with re-
spect to a 5V reference input. When changing the LTC1588/
LTC1589/LTC1592 to a new mode, the command word
and data are given at the same time (24 or 32 bit). When
C3
COMMAND
DON’T CARE
DATA (16 BITS)
C2
C1
C0
X
X
X
X
D13
D14
D15
D12 D11 D10 D9
D8
D7 D6
D5
D4
D3
D2
D1 D0
1588992 TD2
MSB
LSB
C3
COMMAND
DON’T CARE
DATA (14 BITS + 2 DON’T-CARE BITS)
C2
C1
C0
X
X
X
X
D13 D12 D11 D10 D9
D8
D7 D6
D5
D4
D3
D2
D1 D0
X
X
1588992 TD3
MSB
LSB
C3
COMMAND
DON’T CARE
DATA (12 BITS + 4 DON’T-CARE BITS)
C2
C1
C0
X
X
X
X
D11 D10 D9
D8
D7 D6
D5
D4
D3
D2
D1 D0
X
X
XX
1588992 TD4
MSB
LSB
INPUT WORD (LTC1592)
INPUT WORD (LTC1589)
INPUT WORD (LTC1588)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com