Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

SLES025A Datasheet(PDF) 41 Page - Texas Instruments

No. de pieza SLES025A
Descripción Electrónicos  USB Streaming Controller
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

SLES025A Datasheet(HTML) 41 Page - Texas Instruments

Back Button SLES025A Datasheet HTML 37Page - Texas Instruments SLES025A Datasheet HTML 38Page - Texas Instruments SLES025A Datasheet HTML 39Page - Texas Instruments SLES025A Datasheet HTML 40Page - Texas Instruments SLES025A Datasheet HTML 41Page - Texas Instruments SLES025A Datasheet HTML 42Page - Texas Instruments SLES025A Datasheet HTML 43Page - Texas Instruments SLES025A Datasheet HTML 44Page - Texas Instruments SLES025A Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 114 page
background image
2–27
transaction without error, the SETUP bit in the USB status register USBSTA is set and the USB setup stage
transaction interrupt issued. While the MCU core is still processing the USB setup stage transaction
interrupt (as indicated by the set state of the SETUP bit, which the MCU does not clear until exiting the USB
setup stage transaction interrupt service routine), the host issues another control transaction. Issuing
another USB setup stage transaction interrupt would not be of value, as the MCU is still in the USB setup
stage transaction interrupt service routine processing the first control transaction. Thus the USB setup
stage transaction overwrite interrupt is used to indicate that a second control transaction has been received
while still processing the first control transaction. If a setup data packet is received without error while the
SETUP bit is set, the STPOW bit in the USB status register USBSTA is set and the USB setup stage
transaction overwrite interrupt is issued. The interrupt and STPOW bit must be cleared in firmware by writing
to the interrupt vector register.
SETUP
TOKEN PACKET
SETUP
DATA PACKET
ACK
PACKET
CONTROL TRANSACTION #1
CONTROL TRANSACTION #2
MCU CORE PROCESSING INTERRUPT
USB Setup Stage
Transaction Overwrite Interrupt
USB Setup Stage
Transaction Interrupt
USB Bus Traffic
SETUP Bit In
USB Status Register
STPOW Bit In
USB Status Register
SETUP
TOKEN PACKET
SETUP
DATA PACKET
ACK
PACKET
Figure 2–3. Activation of Setup Stage Transaction Overwrite Interrupt
•
Codec port interface transmit data register empty interrupt: codec port modes AC ’97 and AIC, and the
general-purpose codec port mode, all support secondary communication. Both secondary read and
secondary write modes are supported. For the write mode (R/W bit in the codec port interface address
register CPTADR cleared to logic 0), command/status can be sent to the codec port by the MCU for
transmission to the codec. The codec hardware inserts the data into the proper time slot in the codec frame
and transmit the data. The MCU writes the command/status data to the codec port interface data register
CPTDATL (and register CPTDATH for 16-bit data). The data written by the MCU is not output until the
address is written to the codec port interface address register CPTADR. Upon writing the address to
CPTADR (and clearing bit R/W), the codec clears the transmit data register empty bit TXE in the codec port
interface control and status register CPTCTL to logic 0. The clearing of this bit flags the hardware that new
command/status data has been output. When the command/status data is taken by the codec, bit TXE is
set to 1, and the codec port interface transmit data register empty interrupt is issued. The firmware must
clear this interrupt by writing to the interrupt vector register, but this action does not clear the TXE bit.
•
Codec port interface receive data register full interrupt: codec port modes AC ’97 and AIC, and the
general-purpose codec port mode, all support secondary communication. Both secondary read and
secondary write modes are supported. For the read mode (R/W bit in the codec port interface address
register CPTADR set to logic 1), command/status data received by the codec can be retrieved by the MCU.
Upon receiving secondary command/status data, the codec hardware transfers the data to the codec port
interface data register CPTDATL (and CPTDATH if 16-bit data is being transferred), sets the receive data
register full bit RXF in codec port interface control and status register CPTCTL to logic 1, and issues the
codec port interface receive data register full interrupt. When the MCU reads the command/status data,
RXF is cleared to 0. The firmware must clear this interrupt by writing to the interrupt vector register, but this
action does not clear bit RXF. (Note that all secondary command/status receive transactions take two codec
frames to complete. First the MCU writes the address of the command/status data to be read to CPTADR
and sets the R/W bit in register CPTADR to logic 1. On the next codec frame, the address is sent to the
codec. On the following codec frame, the requested data is output by the codec and received at the
TAS1020B codec port.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com