Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

75-JS6DT3 Datasheet(PDF) 4 Page - MTU Onsite Energy Corporation

No. de pieza 75-JS6DT3
Descripción Electrónicos  Diesel Engine-Generator Set
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MTU [MTU Onsite Energy Corporation]
Página de inicio  http://www.mtuonsiteenergy.com
Logo MTU - MTU Onsite Energy Corporation

75-JS6DT3 Datasheet(HTML) 4 Page - MTU Onsite Energy Corporation

  75-JS6DT3 Datasheet HTML 1Page - MTU Onsite Energy Corporation 75-JS6DT3 Datasheet HTML 2Page - MTU Onsite Energy Corporation 75-JS6DT3 Datasheet HTML 3Page - MTU Onsite Energy Corporation 75-JS6DT3 Datasheet HTML 4Page - MTU Onsite Energy Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
/// /
75-JS6dt3
eMissions Data
nox + nmHC
Co
pm
2.86
1.34
0.136
All units are in g/hp-hr and are EpA d2 cycle values.
Emission levels of the engine may vary as a function of ambi-
ent temperature, barometric pressure, humidity, fuel type and
quality, installation parameters, measuring instrumentation,
etc. The data provided are laboratory results from one engine
representing this rating. The data was obtained under cont-
rolled environmental conditions with calibrated instrumentation
traceable to the United States National Bureau of Standards
and in compliance with US EPA regulations found within 40 CFR
Part 89. The weighted cycle value from each engine is guaran-
teed to be below the US EPA Standards at the US EPA defined
conditions.
RATING DEFINITIONS AND CONDITIONS
//
Ambient capability factor at 984 ft (300 m). Consult your
local MTU Onsite Energy Power Generation Distributor for
other altitudes.
//
Standby ratings apply to installations served by a reliable
utility source. The standby rating is applicable to varying
loads for the duration of a power outage. No overload capa-
bility for this rating. Ratings are in accordance with
ISO-3046/1, BS 5514, AS 2789, and DIN 6271.
//
Deration Factor:
Altitude: 0.5% per 1,000 ft (305 m) above 5,000 ft (1,524 m)
and 4% per 1,000 ft (305 m) above 7,500 ft (2,286 m).
temperature: 0.5% per 10°F (5.5°C) above 77°F (25°C).
WEIGHTS AND DIMENSIONS
soUnD Data
unit type
Standby Full Load
Standby no Load
OPU w/ Critical Grade Muffler (dBA)
89
83
Sound Attenuated Enclosure (dBA)
81
75
System
dimensions (L x W x H)
Height w/tank 24hr.
Weight (less tank)
OPU
96 x 46 x 62.13 in (2,440 x 1,170 x 1,580 mm)
82.13 in (2,090 mm)
2,116 lb (960 kg)
EPU
96 x 46 x 77 in (2,440 x 1,170 x 1,960 mm)
97 in (2,460 mm)
2,539 lb (1,152 kg)
Drawing above for illustration purposes only, based on standard open power 480 volt generator. Lengths may vary with other voltages. Do not use for installation design.
Materials and specifications subject to change without notice.
// tognum group Companies: Europe / middle East / Africa / Latin America / MTU Onsite Energy / 88040 Friedrichshafen / Germany / Phone + 49 7541 90 7060 /
Fax +49 7541 90 7084 / powergenregion1@mtu-online.com
// Asia / Australia / Pacific / MTU Onsite Energy / 1, Benoi Place / Singapore 629923 / Republic of Singapore /
Phone + 65 6861 5922 / Fax + 65 6861 3615 / powergenregion2@mtu-online.com
// uSA / Canada / mexico / MTU Onsite Energy / 100 Power Drive / Mankato, Minnesota
56001 / USA / Phone + 1 507 625 7973 / Fax + 1 507 625 2968 / powergenregion3@mtu-online.com
// Worldwide for Hotmodule / MTU Onsite Energy / 81663 Munich /
Germany / Phone + 49 89 203042 800 / Fax +49 89 203042 900 / info@mtu-online.com // www.mtu-online.com
Weights and dimensions are based on open power units and are estimates only. Consult the factory for accurate weights and dimensions for your specific generator set.
Measurements for sound data are taken at 23 ft (7m).



Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com