Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

75-JS6DT3 Datasheet(PDF) 1 Page - MTU Onsite Energy Corporation

No. de pieza 75-JS6DT3
Descripción Electrónicos  Diesel Engine-Generator Set
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MTU [MTU Onsite Energy Corporation]
Página de inicio  http://www.mtuonsiteenergy.com
Logo MTU - MTU Onsite Energy Corporation

75-JS6DT3 Datasheet(HTML) 1 Page - MTU Onsite Energy Corporation

  75-JS6DT3 Datasheet HTML 1Page - MTU Onsite Energy Corporation 75-JS6DT3 Datasheet HTML 2Page - MTU Onsite Energy Corporation 75-JS6DT3 Datasheet HTML 3Page - MTU Onsite Energy Corporation 75-JS6DT3 Datasheet HTML 4Page - MTU Onsite Energy Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Diesel engine-generator set
75-Js6Dt3
75 ekW /60 Hz /Standby
208 - 600V
A tognum group BrAnd
//
EPA Tier 3 Certified
//
Engine-Generator Set Tested to ISO 8528-5 for
transient response
//
UL2200, CSA Listing Offered
//
Accepts Rated Load in One Step Per NFPA 110, Level 1
//
All engine-generator sets are prototype and factory tested
//
MTU Onsite Energy is a single source supplier
//
Global Product Support
//
2 Year Standard Warranty
//
4045HF285 Diesel Engine
- 4.5 Liter Displacement
- 4-Cycle
//
Complete Range of Accessories
//
Permanent Magnet Generator (PMG) - Optional
- Brushless, Rotating Field
- 300% Short Circuit Capability
- 2/3 Pitch Windings
//
Digital Control Panel(s)
- UL Recognized,
, NFPA 110
- Complete System Metering
- LCD Display
//
Cooling System
- Integral Set-Mounted
- Engine Driven Fan
FACTS
SYSTEM RATINGS
Standby
Voltage (L-L)
240V**
208V**
240V**
480V**
600V**
Phase
1
3
3
3
3
PF
1.0
0.8
0.8
0.8
0.8
Hz
60
60
60
60
60
kW
75
75
75
75
75
kVA
75
93.75
93.75
93.75
93.75
AMPS
271
260
226
113
90
skVA@30%
Voltage Dip
127
202
270
270
235
Generator Model
362PSL1606
362PSL1606
362PSL1606
362PSL1606
362PSL1635
Temp Rise
130°C/27°C
130°C/27°C
130°C/27°C
130°C/27°C
125°C/40°C
Connection
12 LEAD ZIG-ZAG
12 LEAD LOW WYE
12 LEAD HI DELTA
12 LEAD HI WYE
4 LEAD WYE
** UL2200 Offered


Número de pieza similar - 75-JS6DT3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
MTU Onsite Energy Corpo...
75-JC6DT3 MTU-75-JC6DT3 Datasheet
438Kb / 4P
DIESEL ENGINE-GENERATOR SET
More results

Descripción similar - 75-JS6DT3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
MTU Onsite Energy Corpo...
20-JS6DT4 MTU-20-JS6DT4 Datasheet
334Kb / 4P
Diesel Engine-Generator Set
50-JS6DT3 MTU-50-JS6DT3 Datasheet
366Kb / 4P
Diesel Engine-Generator Set
60-JC6DT3 MTU-60-JC6DT3 Datasheet
370Kb / 4P
DIESEL ENGINE-GENERATOR SET
230-JC6DT3 MTU-230-JC6DT3 Datasheet
491Kb / 4P
DIESEL ENGINE-GENERATOR SET
275-XC6DT3 MTU-275-XC6DT3 Datasheet
449Kb / 4P
DIESEL ENGINE-GENERATOR SET
300-XC6DT3 MTU-300-XC6DT3 Datasheet
466Kb / 4P
DIESEL ENGINE-GENERATOR SET
350-XC6DT3 MTU-350-XC6DT3 Datasheet
467Kb / 4P
DIESEL ENGINE-GENERATOR SET
375-JC6DT3 MTU-375-JC6DT3 Datasheet
469Kb / 4P
DIESEL ENGINE-GENERATOR SET
450-XS6DT3 MTU-450-XS6DT3 Datasheet
444Kb / 4P
Diesel Engine-Generator Set
1000-XC6DT2 MTU-1000-XC6DT2 Datasheet
392Kb / 4P
DIESEL ENGINE-GENERATOR SET
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com