Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

TUSB2046BVF Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TUSB2046BVF
Descripción Electrónicos  4-PORT HUB FOR THE UNIVERSAL SERIAL BUS WITH OPTIONAL SERIAL EEPROM INTERFACE
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TUSB2046BVF Datasheet(HTML) 4 Page - Texas Instruments

  TUSB2046BVF Datasheet HTML 1Page - Texas Instruments TUSB2046BVF Datasheet HTML 2Page - Texas Instruments TUSB2046BVF Datasheet HTML 3Page - Texas Instruments TUSB2046BVF Datasheet HTML 4Page - Texas Instruments TUSB2046BVF Datasheet HTML 5Page - Texas Instruments TUSB2046BVF Datasheet HTML 6Page - Texas Instruments TUSB2046BVF Datasheet HTML 7Page - Texas Instruments TUSB2046BVF Datasheet HTML 8Page - Texas Instruments TUSB2046BVF Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
TUSB2046B, TUSB2046BI
4PORT HUB FOR THE UNIVERSAL SERIAL BUS
WITH OPTIONAL SERIAL EEPROM INTERFACE
SLLS413B − FEBRUARY 2000 − REVISED DECEMBER 2004
4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
BUSPWR
8
I
Power source indicator. BUSPWR is an active-high input that indicates whether the downstream ports
source their power from the USB cable or a local power supply. For the bus-power mode, this terminal must
be pulled to 3.3 V, and for the self-powered mode, this terminal must be pulled low. Input must not change
dynamically during operation.
DM0
2
I/O
Root port USB differential data minus. DM0 paired with DP0 constitutes the upstream USB port.
DM1 − DM4
11, 15,
19, 23
I/O
USB differential data minus. DM1 − DM4 paired with DP1 − DP4 support up to four downstream USB ports.
DP0
1
I/O
Root port USB differential data plus. DP0 paired with DM0 constitutes the upstream USB port.
DP1 − DP4
12, 16,
20, 24
I/O
USB differential data plus. DP1 − DP4 paired with DM1 − DM4 support up to four downstream USB ports.
EECLK
5
O
EEPROM serial clock. When EXTMEM is high, the EEPROM interface is disabled. The EECLK terminal
is disabled and must be left floating (unconnected). When EXTMEM is low, EECLK acts as a 3-state serial
clock output to the EEPROM with a 100-
µA internal pulldown.
EEDATA/
GANGED
6
I/O
EEPROM serial data/power-management mode indicator. When EXTMEM is high, EEDATA/GANGED
selects between ganged or per-port power overcurrent detection for the downstream ports. When
EXTMEM is low, EEDATA/GANGED acts as a serial data I/O for the EEPROM and is internally pulled down
with a 100-
µA pulldown. This standard TTL input must not change dynamically during operation.
EXTMEM
26
I
EEPROM read enable. When EXTMEM is high, the serial EEPROM interface of the device is disabled.
When EXTMEM is low, terminals 5 and 6 are configured as the clock and data terminals of the serial
EEPROM interface, respectively.
GND
7, 28
Ground. GND terminals must be tied to ground for proper operation.
OVRCUR1 −
OVRCUR4
10, 14,
18, 22
I
Overcurrent input. OVRCUR1 − OVRCUR4 are active low. For per-port overcurrent detection, one
overcurrent input is available for each of the four downstream ports. In the ganged mode, any OVRCUR
input may be used and all OVRCUR terminals must be tied together. OVRCUR terminals are active low
inputs with noise filtering logic.
PWRON1 −
PWRON4
9, 13,
17, 21
O
Power-on/-off control signals. PWRON1 − PWRON4 are active low, push-pull outputs. Push-pull outputs
eliminate the pullup resistors which open-drain outputs require. However, the external power switches that
connect to these terminals must be able to operate with 3.3-V inputs because these outputs cannot drive
5-V signals.
RESET
4
I
Reset. RESET is an active low TTL input with hysteresis and must be asserted at power up. When RESET
is asserted, all logic is initialized. Generally, a reset with a pulse width between 100
µs and 1 ms is
recommended after 3.3-V VCC reaches its 90%. Clock signal has to be active during the last 60 µs of the
reset window.
SUSPND
32
O
Suspend status. SUSPND is an active high output available for external logic power-down operations.
During the suspend mode, SUSPND is high. SUSPND is low for normal operation.
TSTMODE
31
I
Test/mode terminal. TSTMODE is used as a test terminal during production testing. This terminal must
be tied to ground or 3.3-V VCC for normal 6-MHz or 48-MHz operation, respectively.
TSTPLL/
48MCLK
27
I/O
Test/48-MHz clock input. TSTPLL/48MCLK is used as a test terminal during production testing. This
terminal must be tied to ground for normal 6-MHz operation. If 48-MHz input clock is desired, a 48-MHz
clock source (no crystal) can be connected to this input terminal.
VCC
3, 25
3.3-V supply voltage
XTAL1
30
I
Crystal 1. XTAL1 is a 6-MHz crystal input with 50% duty cycle. An internal PLL generates the 48-MHz and
12-MHz clocks used internally by the ASIC logic.
XTAL2
29
O
Crystal 2. XTAL2 is a 6-MHz crystal output. This terminal must be left open when using an oscillator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com