Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

TUSB2046BVF Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TUSB2046BVF
Descripción Electrónicos  4-PORT HUB FOR THE UNIVERSAL SERIAL BUS WITH OPTIONAL SERIAL EEPROM INTERFACE
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TUSB2046BVF Datasheet(HTML) 1 Page - Texas Instruments

  TUSB2046BVF Datasheet HTML 1Page - Texas Instruments TUSB2046BVF Datasheet HTML 2Page - Texas Instruments TUSB2046BVF Datasheet HTML 3Page - Texas Instruments TUSB2046BVF Datasheet HTML 4Page - Texas Instruments TUSB2046BVF Datasheet HTML 5Page - Texas Instruments TUSB2046BVF Datasheet HTML 6Page - Texas Instruments TUSB2046BVF Datasheet HTML 7Page - Texas Instruments TUSB2046BVF Datasheet HTML 8Page - Texas Instruments TUSB2046BVF Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
TUSB2046B, TUSB2046BI
4PORT HUB FOR THE UNIVERSAL SERIAL BUS
WITH OPTIONAL SERIAL EEPROM INTERFACE
SLLS413B − FEBRUARY 2000 − REVISED DECEMBER 2004
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Universal Serial Bus (USB) Version 1.1
Compliant
D 32-Terminal LQFP† Package With a 0.8-mm
Terminal Pitch
D 3.3-V Low Power ASIC Logic
D Integrated USB Transceivers
D State Machine Implementation Requires No
Firmware Programming
D One Upstream Port and Four Downstream
Ports
D All Downstream Ports Support Full-Speed
and Low-Speed Operations
D Two Power Source Modes
− Self-Powered Mode
− Bus-Powered Mode
D Power Switching and Overcurrent
Reporting Is Provided Ganged or Per Port
D Supports Suspend and Resume Operations
D Supports Programmable Vendor ID and
Product ID With External Serial EEPROM
D 3-State EEPROM Interface Allows EEPROM
Sharing
D Push-Pull Outputs for PWRON Eliminate
the Need for External Pullup Resistors
D Noise Filtering on OVRCUR Provides
Immunity to Voltage Spikes
D Package Pinout Allows 2-Layer PCB
D Low EMI Emission Achieved by a 6-MHz
Crystal Input
D Migrated From Proven TUSB2040 Hub
D Lower Cost Than the TUSB2040 Hub
D Enhanced System ESD Performance
D Supports 6-MHz Operation Through a
Crystal Input or a 48-MHz Input Clock
description
The TUSB2046B is a 3.3-V CMOS hub device that provides one upstream port and four downstream ports in
compliance with the 1.1 Universal Serial Bus (USB) specification. Because this device is implemented with a
digital state machine instead of a microcontroller, no firmware programming is required. Fully-compliant USB
transceivers are integrated into the ASIC for all upstream and downstream ports. The downstream ports support
both full-speed and low-speed devices by automatically setting the slew rate according to the speed of the
device attached to the ports. The configuration of the BUSPWR terminal selects either the bus-powered or the
self-powered mode.
Copyright
 2004, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
VF PACKAGE
(TOP VIEW)
31 30 29 28 27
910
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
DP4
DM4
OVRCUR4
PWRON4
DP3
DM3
OVRCUR3
PWRON3
DP0
DM0
VCC
RESET
EECLK
EEDATA/GANGED
GND
BUSPWR
32
26
11 12 13 14 15 16
25
†JEDEC descriptor S-PQFP-G for low profile quad flat pack (LQFP).


Número de pieza similar - TUSB2046BVF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TUSB2046BVF TI-TUSB2046BVF Datasheet
1Mb / 25P
4-PORT HUB FOR THE UNIVERSAL SERIAL BUSWITH OPTIONAL SERIAL EEPROM INTERFACE
TUSB2046BVF TI1-TUSB2046BVF Datasheet
1Mb / 28P
4-Port Hub for the Universal Serial Bus
TUSB2046BVF TI1-TUSB2046BVF Datasheet
1Mb / 29P
4-Port Hub for the Universal Serial Bus With Optional Serial EEPROM Interface
TUSB2046BVF TI2-TUSB2046BVF Datasheet
1Mb / 33P
TUSB2046x 4-Port Hub for the Universal Serial Bus With Optional Serial EEPROM Interface
REVISED JUNE 2017
TUSB2046BVF.A TI2-TUSB2046BVF.A Datasheet
1Mb / 33P
TUSB2046x 4-Port Hub for the Universal Serial Bus With Optional Serial EEPROM Interface
REVISED JUNE 2017
More results

Descripción similar - TUSB2046BVF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TUSB2040A TI-TUSB2040A Datasheet
262Kb / 17P
4-PORT HUB FOR THE UNIVERSAL SERIAL BUS WITH OPTIONAL SERIAL EEPROM INTERFACE
TUSB2043 TI-TUSB2043 Datasheet
228Kb / 16P
4-PORT HUB FOR THE UNIVERSAL SERIAL BUS WITH OPTIONAL SERIAL EEPROM INTERFACE
TUSB2046 TI-TUSB2046 Datasheet
230Kb / 16P
4-PORT HUB FOR THE UNIVERSAL SERIAL BUS WITH OPTIONAL SERIAL EEPROM INTERFACE
TUSB2046A TI-TUSB2046A Datasheet
232Kb / 16P
4-PORT HUB FOR THE UNIVERSAL SERIAL BUS WITH OPTIONAL SERIAL EEPROM INTERFACE
TUSB2077A TI-TUSB2077A Datasheet
242Kb / 16P
7-PORT HUB FOR THE UNIVERSAL SERIAL BUS WITH OPTIONAL SERIAL EEPROM INTERFACE
TUSB2046B-Q1 TI1-TUSB2046B-Q1 Datasheet
997Kb / 22P
4-PORT HUB FOR THE UNIVERSAL SERIAL BUS WITH OPTIONAL SERIAL EEPROM INTERFACE
TUSB2036 TI1-TUSB2036_12 Datasheet
662Kb / 20P
2/3-PORT HUB FOR THE UNIVERSAL SERIAL BUS WITH OPTIONAL SERIAL EEPROM INTERFACE
TUSB2046BIVFRG4 TI-TUSB2046BIVFRG4 Datasheet
1Mb / 25P
4-PORT HUB FOR THE UNIVERSAL SERIAL BUSWITH OPTIONAL SERIAL EEPROM INTERFACE
TUSB2077A TI1-TUSB2077A_17 Datasheet
975Kb / 26P
7-Port Hub for the Universal Serial Bus With Optional Serial EEPROM Interface
TUSB2046B TI1-TUSB2046B_17 Datasheet
1Mb / 29P
4-Port Hub for the Universal Serial Bus With Optional Serial EEPROM Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com