Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

DS3101 Datasheet(PDF) 21 Page - Maxim Integrated Products

No. de pieza DS3101
Descripción Electrónicos  Stratum 2/3E/3 Timing Card IC
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MAXIM [Maxim Integrated Products]
Página de inicio  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS3101 Datasheet(HTML) 21 Page - Maxim Integrated Products

Back Button DS3101 Datasheet HTML 17Page - Maxim Integrated Products DS3101 Datasheet HTML 18Page - Maxim Integrated Products DS3101 Datasheet HTML 19Page - Maxim Integrated Products DS3101 Datasheet HTML 20Page - Maxim Integrated Products DS3101 Datasheet HTML 21Page - Maxim Integrated Products DS3101 Datasheet HTML 22Page - Maxim Integrated Products DS3101 Datasheet HTML 23Page - Maxim Integrated Products DS3101 Datasheet HTML 24Page - Maxim Integrated Products DS3101 Datasheet HTML 25Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 150 page
background image
DS3101
19-4596; Rev 4; 5/09
21 of 150
Table 7-2. Input Clock Capabilities
INPUT
CLOCK
SIGNAL
FORMATS
FREQUENCIES
DEFAULT FREQUENCY
IC1
AMI or
CMOS/TTL
(3)
64kHz composite clock or up
to 125MHz
8kHz
IC2
AMI or
CMOS/TTL
(3)
64kHz composite clock or up
to 125MHz
8kHz
IC3
CMOS/TTL
Up to 125MHz
(1)
8kHz
IC4
CMOS/TTL
Up to 125MHz
8kHz
IC5
LVDS/LVPECL
or CMOS/TTL
Up to 155.52MHz
(2)
19.44MHz
IC6
LVDS/LVPECL
or CMOS/TTL
Up to 155.52MHz
19.44MHz
IC7
CMOS/TTL
Up to 125MHz
19.44MHz
IC8
CMOS/TTL
Up to 125MHz
19.44MHz
IC9
CMOS/TTL
Up to 125MHz
19.44MHz
IC10
CMOS/TTL
Up to 125MHz
19.44MHz
IC11
CMOS/TTL
Up to 125MHz
Master mode (MASTSLV = 1): 19.44MHz
Slave mode (MASTSLV = 0): 6.48MHz
IC12
CMOS/TTL
Up to 125MHz
SONET mode (SONSDH = 1): 1.544MHz
SDH mode (SONSDH = 0): 2.048MHz
IC13
CMOS/TTL
Up to 125MHz
SONET mode (SONSDH = 1): 1.544MHz
SDH mode (SONSDH = 0): 2.048MHz
IC14
CMOS/TTL
Up to 125MHz
SONET mode (SONSDH = 1): 1.544MHz
SDH mode (SONSDH = 0): 2.048MHz
Note 1:
Available frequencies for CMOS/TTL input clocks are 2kHz, 4kHz, 8kHz, 1.544MHz (SONET mode), 2.048MHz (SDH mode),
6.312MHz, 6.48MHz, 19.44MHz, 25.92MHz, 38.88MHz, 51.84MHz, 77.76MHz, and N x 8kHz for 2
≤ N ≤ 15,625.
Note 2:
Available frequencies for LVDS/LVPECL input clocks include all CMOS/TTL frequencies in Note 1 plus 155.52MHz.
Note 3:
Signal formats for IC1 and IC2 are controlled by MCR5:IC1SF and IC2SF, respectively.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com