Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

MPXA6400AP Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

No. de pieza MPXA6400AP
Descripción Electrónicos  High Temperature Accuracy Integrated Silicon Pressure Sensor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPXA6400AP Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  MPXA6400AP Datasheet HTML 1Page - Freescale Semiconductor, Inc MPXA6400AP Datasheet HTML 2Page - Freescale Semiconductor, Inc MPXA6400AP Datasheet HTML 3Page - Freescale Semiconductor, Inc MPXA6400AP Datasheet HTML 4Page - Freescale Semiconductor, Inc MPXA6400AP Datasheet HTML 5Page - Freescale Semiconductor, Inc MPXA6400AP Datasheet HTML 6Page - Freescale Semiconductor, Inc MPXA6400AP Datasheet HTML 7Page - Freescale Semiconductor, Inc MPXA6400AP Datasheet HTML 8Page - Freescale Semiconductor, Inc MPXA6400AP Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
MPXH6400A
Sensors
Freescale Semiconductor
5
Pressure
Transfer Function (MPXxx6400A)
Normal Transfer Value: VOUT = VS x (0.002421 x P – 0.00842)
± Pressure Error x Temp. Factor x 0.002421 x VS
VS = 5.0 ± 0.36 VDC
Break Points
Temp
Multiplier
- 40
3
0 to 85
1
125
1.75
Temperature in C°
4.0
3.0
2.0
0.0
1.0
-40
-20
0
20
40
60
140
120
100
80
Temperature
Error
Factor
NOTE: The Temperature Multiplier is a linear response from 0°C to -40°C and from 85°C to 125°C
MPXxx6400A Series
Temperature Error Band
Error Limits for Pressure
±5.5 (kPa)
3.0
2.0
1.0
-1.0
-2.0
-4.0
0.0
4.0
-3.0
- 5.0
- 6.0
5.0
6.0
20
Pressure (in kPa)
Pressure
Error (Max)
20 to 400 (kPa)
±5.5 (kPa)
40 60 80 100 120 140 160 180 200 220 240 260 280 300 320 340 360 380 400
Pressure Error Band



Html Pages

1 2 3 4 5 6 7 8 9 10 11