Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

MPC5602CEMLL Datasheet(PDF) 15 Page - Freescale Semiconductor, Inc

No. de pieza MPC5602CEMLL
Descripción Electrónicos  MPC5604B/C Microcontroller Data Sheet
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5602CEMLL Datasheet(HTML) 15 Page - Freescale Semiconductor, Inc

Back Button MPC5602CEMLL Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC5602CEMLL Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC5602CEMLL Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC5602CEMLL Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC5602CEMLL Datasheet HTML 15Page - Freescale Semiconductor, Inc MPC5602CEMLL Datasheet HTML 16Page - Freescale Semiconductor, Inc MPC5602CEMLL Datasheet HTML 17Page - Freescale Semiconductor, Inc MPC5602CEMLL Datasheet HTML 18Page - Freescale Semiconductor, Inc MPC5602CEMLL Datasheet HTML 19Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 72 page
background image
Electrical characteristics
MPC5604B/C Microcontroller Data Sheet, Rev. 4
Freescale Semiconductor
15
NOTE
RAM data retention is guaranteed with VDD_LV not below 1.08 V.
4.6
Thermal characteristics
4.6.1
Package thermal characteristics
4.6.2
Power considerations
The average chip-junction temperature, TJ, in degrees Celsius, may be calculated using Equation 1:
TJ = TA + (PD x RθJA)
Eqn. 1
Where:
TA is the ambient temperature in °C.
RθJA is the package junction-to-ambient thermal resistance, in °C/W.
PD is the sum of PINT and PI/O (PD = PINT + PI/O).
4 470 nF capacitance needs to be provided between V
DD_BV and the nearest VSS_LV (higher value may be needed
depending on external regulator characteristics).
5 100 nF capacitance needs to be provided between V
DD_ADC/VSS_ADC pair.
6 Guaranteed by device validation
Table 9. LQFP thermal characteristics1
1 Thermal characteristics are targets based on simulation that are subject to change per device characterization.
Symbol
C
Parameter
Conditions2
2 V
DD = 3.3 V ± 10% / 5.0 V ± 10%, TA = −40 to 125 °C.
Pin
count
Value3
3 All values need to be confirmed during device validation.
Unit
Min
Typ
Max
RθJA CC D Thermal resistance,
junction-to-ambient natural
convection4
4 Junction-to-ambient thermal resistance determined per JEDEC JESD51-3 and JESD51-6. Thermal test board meets
JEDEC specification for this package. When Greek letters are not available, the symbols are typed as RthJA and RthJMA.
Single-layer board—1s
100
—
—
64
°C/W
144
—
—
64
Four-layer board—2s2p
100
—
—
50.8
144
—
—
49.4
Table 10. 208 MAPBGA thermal characteristics1
1 Thermal characteristics are targets based on simulation that are subject to change per device characterization.
Symbol
C
Parameter
Conditions
Value
Unit
RθJA CC — Thermal resistance, junction-to-ambient natural
convection2
2 Junction-to-ambient thermal resistance determined per JEDEC JESD51-3 and JESD51-6. Thermal test board meets
JEDEC specification for this package. When Greek letters are not available, the symbols are typed as RthJA and RthJMA.
Single-layer board—1s
TBD
°C/W
Four-layer board—2s2p



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com