Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

MPC5602CEMLL Datasheet(PDF) 20 Page - Freescale Semiconductor, Inc

No. de pieza MPC5602CEMLL
Descripción Electrónicos  MPC5604B/C Microcontroller Data Sheet
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5602CEMLL Datasheet(HTML) 20 Page - Freescale Semiconductor, Inc

Back Button MPC5602CEMLL Datasheet HTML 16Page - Freescale Semiconductor, Inc MPC5602CEMLL Datasheet HTML 17Page - Freescale Semiconductor, Inc MPC5602CEMLL Datasheet HTML 18Page - Freescale Semiconductor, Inc MPC5602CEMLL Datasheet HTML 19Page - Freescale Semiconductor, Inc MPC5602CEMLL Datasheet HTML 20Page - Freescale Semiconductor, Inc MPC5602CEMLL Datasheet HTML 21Page - Freescale Semiconductor, Inc MPC5602CEMLL Datasheet HTML 22Page - Freescale Semiconductor, Inc MPC5602CEMLL Datasheet HTML 23Page - Freescale Semiconductor, Inc MPC5602CEMLL Datasheet HTML 24Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 72 page
background image
MPC5604B/C Microcontroller Data Sheet Data Sheet, Rev. 4
Electrical characteristics
Freescale Semiconductor
20
4.7.4
Output pin transition times
Table 15. FAST configuration output buffer electrical characteristics
Symbol C
Parameter
Conditions1
1 V
DD = 3.3 V ± 10% / 5.0 V ± 10%, TA = −40 to 125 °C, unless otherwise specified
Value
Unit
Min
Typ
Max
VOH CC P Output high level
FAST configuration
Push
Pull
IOH = −14mA,
VDD = 5.0 V ± 10%, PAD3V5V = 0
(recommended)
0.8VDD
—
—
V
C
IOH = −7mA,
VDD = 5.0 V ± 10%, PAD3V5V = 1
2
2 The configuration PAD3V5 = 1 when V
DD = 5 V is only a transient configuration during power-up. All pads but
RESET and Nexus output (MDOx, EVTO, MCKO) are configured in input or in high impedance state.
0.8VDD
—
—
C
IOH = −11mA,
VDD = 3.3 V ± 10%, PAD3V5V = 1
(recommended)
VDD−0.8
—
—
VOL CC P Output low level
FAST configuration
Push
Pull
IOL = 14mA,
VDD = 5.0 V ± 10%, PAD3V5V = 0
(recommended)
—
—
0.1VDD
V
C
IOL = 7mA,
VDD = 5.0 V ± 10%, PAD3V5V = 1
(2)
—
—
0.1VDD
C
IOL = 11mA,
VDD = 3.3 V ± 10%, PAD3V5V = 1
(recommended)
—
—
0.5
Table 16. Output pin transition times
Symbol
C
Parameter
Conditions1
Value2
Unit
Min
Typ
Max
Ttr CC D Output transition time output pin
3
SLOW configuration
CL = 25 pF
VDD = 5.0 V ± 10%,
PAD3V5V = 0
—
—
50
ns
T
CL = 50 pF
—
—
100
D
CL = 100 pF
—
—
125
D
CL = 25 pF
VDD = 3.3 V ± 10%,
PAD3V5V = 1
—
—
50
T
CL = 50 pF
—
—
100
D
CL = 100 pF
—
—
125
Ttr CC D Output transition time output pin
(3)
MEDIUM configuration
CL = 25 pF
VDD = 5.0 V ± 10%,
PAD3V5V = 0
SIUL.PCRx.SRC = 1
—
—
10
ns
T
CL = 50 pF
—
—
20
D
CL = 100 pF
—
—
40
D
CL = 25 pF
VDD = 3.3 V ± 10%,
PAD3V5V = 1
SIUL.PCRx.SRC = 1
—
—
12
T
CL = 50 pF
—
—
25
D
CL = 100 pF
—
—
40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com