| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
MPC5602CEMLLR Datasheet(PDF) 40 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC5602CEMLLR Datasheet(HTML) 40 Page - Freescale Semiconductor, Inc |
|
40 / 72 page ![]() MPC5604B/C Microcontroller Data Sheet Data Sheet, Rev. 4 Electrical characteristics Freescale Semiconductor 40 4.16 Fast internal RC oscillator (16 MHz) electrical characteristics The device provides a 16 MHz fast internal RC oscillator. This is used as the default clock at the power-up of the device. 2 All values need to be confirmed during device validation. 3 PLLIN clock retrieved directly from FXOSC clock. Input characteristics are granted when oscillator is used in functional mode. When bypass mode is used, oscillator input clock should verify fPLLIN and ΔPLLIN. 4 f CPU 64 MHz can be achieved only at up to 105 °C Table 36. Fast internal RC oscillator (16 MHz) electrical characteristics Symbol C Parameter Conditions1 1 V DD = 3.3 V ± 10% / 5.0 V ± 10%, TA = −40 to 125 °C, unless otherwise specified. Value2 Unit Min Typ Max fFIRC CC P Fast internal RC oscillator high frequency TA = 25 °C, trimmed — 16 — MHz SR — — 12 20 IFIRCRUN 3, CC T Fast internal RC oscillator high frequency current in running mode TA = 25 °C, trimmed — — 200 µA IFIRCPWD CC D Fast internal RC oscillator high frequency current in power down mode TA = 25 °C — TBD 10 µA — TA = 55 °C — TBD TBD IFIRCSTOP CC T Fast internal RC oscillator high frequency and system clock current in stop mode TA = 25 °C sysclk = off — 500 — µA sysclk = 2 MHz — 600 — sysclk = 4 MHz — 700 — sysclk = 8 MHz — 900 — sysclk = 16 MHz — 1250 — TFIRCSU CC C Fast internal RC oscillator start-up time TA = 55 °C VDD = 5.0 V ± 10% — 1.1 2.0 µs — VDD = 3.3 V ± 10% — 1.2 TBD — TA = 125 °C VDD = 5.0 V ± 10% — — 2.0 — VDD = 3.3 V ± 10% — — TBD Δ FIRCPRE CC C Fast internal RC oscillator precision after software trimming of fFIRC TA = 25 °C −1 — +1 % Δ FIRCTRIM CC C Fast internal RC oscillator trimming step TA = 25 °C — 1.6 % Δ FIRCVAR CC C Fast internal RC oscillator variation in temperature and supply with respect to fFIRC at TA = 55 °C in high-frequency configuration — −5 — +5 % |