Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

MPC5602CEMLLR Datasheet(PDF) 70 Page - Freescale Semiconductor, Inc

No. de pieza MPC5602CEMLLR
Descripción Electrónicos  MPC5604B/C Microcontroller Data Sheet
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5602CEMLLR Datasheet(HTML) 70 Page - Freescale Semiconductor, Inc

Back Button MPC5602CEMLLR Datasheet HTML 64Page - Freescale Semiconductor, Inc MPC5602CEMLLR Datasheet HTML 65Page - Freescale Semiconductor, Inc MPC5602CEMLLR Datasheet HTML 66Page - Freescale Semiconductor, Inc MPC5602CEMLLR Datasheet HTML 67Page - Freescale Semiconductor, Inc MPC5602CEMLLR Datasheet HTML 68Page - Freescale Semiconductor, Inc MPC5602CEMLLR Datasheet HTML 69Page - Freescale Semiconductor, Inc MPC5602CEMLLR Datasheet HTML 70Page - Freescale Semiconductor, Inc MPC5602CEMLLR Datasheet HTML 71Page - Freescale Semiconductor, Inc MPC5602CEMLLR Datasheet HTML 72Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 70 / 72 page
background image
MPC5604B/C Microcontroller Data Sheet Data Sheet, Rev. 4
Document revision history
Freescale Semiconductor
70
2
06-Mar-2009 Added Section 3.7.4, “Output pin transition times
Updated Table 19
Updated Figure 7
Updated Table 20
Section 3.9.1, “Voltage regulator electrical characteristics: Amended description of
LV_PLL
Figure 9: Exchanged position of symbols CDEC1 and CDEC2
Updated Table 21
Added Figure 10
Updated Table 22 and Table 23
Updated Section 3.11, “Flash memory electrical characteristics
Added Section 3.12, “Electromagnetic compatibility (EMC) characteristics
Updated Section 3.13, “Fast external crystal oscillator (4 to 16 MHz) electrical
characteristics
Updated Section 3.14, “Slow external crystal oscillator (32 kHz) electrical characteristics
Updated Table 37, Table 38 and Table 39
Added Section 3.18, “On-chip peripherals
Added Table 44
Updated Table 45
Updated Table 49
Added Section Appendix A, “Abbreviations
4
06-Aug-2009 Updated Figure 4
Table 7
•VDD_ADC: changed min value for “relative to VDD“ condition
•VIN: changed min value for “relative to VDD“ condition
•ICORELV: added new row
Table 9
•TA C-Grade Part, TJ C-Grade Part, TA V-Grade Part, TJ V-Grade Part, TA M-Grade Part, TJ M-Grade Part:
added new rows
• Changed capacitance value in footnote
Table 17
• MEDIUM configuration: added condition for PAD3V5V = 0
Updated Figure 9
Table 21
•CDEC1: changed min value
•IMREG: changed max value
•IDD_BV: added max value footnote
Table 22
•VLVDHV3H: changed max value
•VLVDHV3L: added max value
•VLVDHV5H: changed max value
•VLVDHV5L: added max value
Updated Table 23
Table 26
• Retention: deleted min value footnote for “Blocks with 100,000 P/E cycles“
Table 34
•IFXOSC: added typ value
Table 36
•VSXOSC: changed typ value
•TSXOSCSU: added max value footnote
Table 37
•
Δt
LTJIT: added max value
Updated Figure 33
Table 45. Revision history (continued)
Revision
Date
Description of Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com