Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

MPC5602BEVLLR Datasheet(PDF) 44 Page - Freescale Semiconductor, Inc

No. de pieza MPC5602BEVLLR
Descripción Electrónicos  MPC5604B/C Microcontroller Data Sheet
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5602BEVLLR Datasheet(HTML) 44 Page - Freescale Semiconductor, Inc

Back Button MPC5602BEVLLR Datasheet HTML 40Page - Freescale Semiconductor, Inc MPC5602BEVLLR Datasheet HTML 41Page - Freescale Semiconductor, Inc MPC5602BEVLLR Datasheet HTML 42Page - Freescale Semiconductor, Inc MPC5602BEVLLR Datasheet HTML 43Page - Freescale Semiconductor, Inc MPC5602BEVLLR Datasheet HTML 44Page - Freescale Semiconductor, Inc MPC5602BEVLLR Datasheet HTML 45Page - Freescale Semiconductor, Inc MPC5602BEVLLR Datasheet HTML 46Page - Freescale Semiconductor, Inc MPC5602BEVLLR Datasheet HTML 47Page - Freescale Semiconductor, Inc MPC5602BEVLLR Datasheet HTML 48Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 72 page
background image
MPC5604B/C Microcontroller Data Sheet Data Sheet, Rev. 4
Electrical characteristics
Freescale Semiconductor
44
4.18.2
DSPI characteristics
Table 39. DSPI characteristics
No.
Symbol
C
Parameter
Value
Unit
Min
Typ
Max
1
tSCK
SR D SCK cycle time
64
—
—
ns
—
fDSPI
SR D DSPI digital controller frequency
—
—
fCPU
MHz
—
Δt
CSC
CC D Internal delay between pad associated to SCK and
pad associated to CSn in master mode
—
—
1201
1 Maximum is reached when CSn pad is configured as SLOW pad while SCK pad is configured as MEDIUM pad.
ns
2
tCSCext
2
2 The t
CSC delay value is configurable through a register. When configuring tCSC (using PCSSCK and CSSCK fields
in DSPI_CTARx registers), delay between internal CS and internal SCK must be higher than
Δt
CSC to ensure
positive tCSCext.
CC D CS to SCK delay
Master mode
tCSCext = tCSC + ΔtCSC
ns
SR D
Slave mode
32
—
—
3
tASCext
3
3 The t
ASC delay value is configurable through a register. When configuring tASC (using PASC and ASC fields in
DSPI_CTARx registers), delay between internal CS and internal SCK must be higher than
Δt
ASC to ensure positive
tASCext.
CC D After SCK delay
Master mode
tASCext = tASC + ΔtCSC
ns
SR D
Slave mode
1/fDSPI + 5 ns
—
—
ns
4
tSDC
CC D SCK duty cycle
Master mode
—
tSCK/2
—
ns
SR D
Slave mode
tSCK/2
—
—
5
tA
SR D Slave access time
—
27
—
—
ns
6
tDI
SR D Slave SOUT disable time
—
0
—
—
ns
7
tSUI
SR D Data setup time for inputs
Master (MTFE = 0)
35
—
—
ns
Slave
5
—
—
Master (MTFE = 1)
35
—
—
8
tHI
SR D Data hold time for inputs
Master (MTFE = 0)
0
—
—
ns
Slave
24
4 This delay value corresponds to SMPL_PT = 00b which is bit field 9 and 8 of DSPI_MCR register.
—
—
Master (MTFE = 1)
0
—
—
9
tSUO
5
5 SCK and SOUT configured as MEDIUM pad
CC D Data valid after SCK edge
Master (MTFE = 0)
—
—
32
ns
Slave
—
—
34
Master (MTFE = 1)
—
—
32
10
tHO
(5)
CC D Data hold time for outputs
Master (MTFE = 0)
2
—
—
ns
Slave
5.5
—
—
Master (MTFE = 1)
2
—
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com