Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

MPC5602BEVLLR Datasheet(PDF) 10 Page - Freescale Semiconductor, Inc

No. de pieza MPC5602BEVLLR
Descripción Electrónicos  MPC5604B/C Microcontroller Data Sheet
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5602BEVLLR Datasheet(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button MPC5602BEVLLR Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC5602BEVLLR Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC5602BEVLLR Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC5602BEVLLR Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC5602BEVLLR Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC5602BEVLLR Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC5602BEVLLR Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC5602BEVLLR Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC5602BEVLLR Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 72 page
background image
MPC5604B/C Microcontroller Data Sheet Data Sheet, Rev. 4
Electrical characteristics
Freescale Semiconductor
10
4
Electrical characteristics
4.1
Introduction
This section contains electrical characteristics of the device as well as temperature and power considerations.
This product contains devices to protect the inputs against damage due to high static voltages. However, it is advisable to take
precautions to avoid application of any voltage higher than the specified maximum rated voltages.
To enhance reliability, unused inputs can be driven to an appropriate logic voltage level (VDD or VSS). This could be done by
the internal pull-up and pull-down, which is provided by the product for most general purpose pins.
The parameters listed in the following tables represent the characteristics of the device and its demands on the system.
1
2
3
4
5
6
7
8
9
10
111213141516
A
PC[8]
PC[13]
NC
NC
PH[8]
PH[4]
PC[5]
PC[0]
NC
NC
PC[2]
NC
PE[15]
NC
NC
NC
A
B
PC[9]
PB[2]
NC
PC[12]
PE[6]
PH[5]
PC[4]
PH[9]
PH[10]
NC
PC[3]
PG[11]
PG[15]
PG[14]
PA[11]
PA[10]
B
C
PC[14]
VDD_HV
PB[3]
PE[7]
PH[7]
PE[5]
PE[3]
VSS_LV
PC[1]
NC
PA[5]
NC
PE[14]
PE[12]
PA[9]
PA[8]
C
D
NC
NC
PC[15]
NC
PH[6]
PE[4]
PE[2]
VDD_LV
VDD_HV
NC
PA[6]
NC
PG[10]
PF[14]
PE[13]
PA[7]
D
E
PG[4]
PG[5]
PG[3]
PG[2]
PG[1]
PG[0]
PF[15]
VDD_HV
E
F
PE[0]
PA[2]
PA[1]
PE[1]
PH[0]
PH[1]
PH[3]
PH[2]
F
G
PE[9]
PE[8]
PE[10]
PA[0]
VSS_HV
VSS_HV
VSS_HV
VSS_HV
VDD_HV
NC
NC
MSEO
G
H
VSS_HV
PE[11]
VDD_HV
NC
VSS_HV
VSS_HV
VSS_HV
VSS_HV
MDO3
MDO2
MDO0
MDO1
H
J
RESET
VSS_LV
NC
NC
VSS_HV
VSS_HV
VSS_HV
VSS_HV
NC
NC
NC
NC
J
K
EVTI
NC
VDD_BV
VDD_LV
VSS_HV
VSS_HV
VSS_HV
VSS_HV
NC
PG[12]
PA[3]
PG[13]
K
L
PG[9]
PG[8]
NC
EVTO
PB[15]
PD[15]
PD[14]
PB[14]
L
M
PG[7]
PG[6]
PC[10]
PC[11]
PB[13]
PD[13]
PD[12]
PB[12]
M
N
PB[1]
PF[9]
PB[0]
NC
NC
PA[4]
VSS_LV
EXTAL
VDD_HV
PF[0]
PF[4]
NC
PB[11]
PD[10]
PD[9]
PD[11]
N
P
PF[8]
NC
PC[7]
NC
NC
PA[14]
VDD_LV
XTAL
PB[10]
PF[1]
PF[5]
PD[0]
PD[3]
VDD_HV
_ADC
PB[6]
PB[7]
P
R
PF[12]
PC[6]
PF[10]
PF[11]
VDD_HV
PA[15]
PA[13]
NC
OSC32K
_XTAL
PF[3]
PF[7]
PD[2]
PD[4]
PD[7]
VSS_HV
_ADC
PB[5]
R
T
NC
NC
NC
MCKO
NC
PF[13]
PA[12]
NC
OSC32K
_EXTAL
PF[2]
PF[6]
PD[1]
PD[5]
PD[6]
PD[8]
PB[4]
T
1
2
3
4
5
6
7
8
9
10
111213141516
Note: 208 MAPBGA available only as development package for Nexus 2+.
NC
= Not connected
Figure 4. 208 MAPBGA configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com