| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
MPC5604BEMLL Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC5604BEMLL Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc |
|
5 / 72 page ![]() Device blocks MPC5604B/C Microcontroller Data Sheet, Rev. 4 Freescale Semiconductor 5 2 Device blocks 2.1 Block diagram Figure 1 shows a top-level block diagram of the MPC5604B/C device series. Figure 1. MPC5604B/C series block diagram 3 x DSPI FMPLL TCU Nexus 2+ Nexus RAM SIUL Reset Control 48 KB External IMUX GPIO & JTAG Pad Control JTAG Port Nexus Port e200z0h Interrupt requests 6 x FlexCAN Peripheral Bridge Interrupt Request Interrupt Request I/O Clocks Instructions Data Voltage Regulator NMI SWT PIT STM NMI SIUL . . . . . . . . . . . . INTC I2C . . . 4 x LINFlex 2 x eMIOS 36 Ch. ADC CMU SRAM Flash Code Flash 512 KB DataFlash 64 KB PCU MEM CGM RGM BAM CTU RTC SSCM (Master) (Master) (Slave) (Slave) (Slave) Controller Controller Legend: ADC Analog-to-Digital Converter BAM Boot Assist Module CAN Controller Area Network (FlexCAN) CGM Clock Generation Module CMU Clock Monitor Unit CTU Cross Triggering Unit DSPI Deserial Serial Peripheral Interface eMIOS Enhanced Modular Input Output System FMPLL Frequency-Modulated Phase-Locked Loop I2C Inter-integrated Circuit Bus IMUX Internal Multiplexer INTC Interrupt Controller JTAG JTAG controller LINFlex Serial Communication Interface (LIN support) MEM Mode Entry Module MPU Memory Protection Unit Nexus NexuS Development Interface (NDI) Level NMI Non-Maskable Interrupt PCU Power Control Unit PIT Periodic Interrupt Timer RGM Reset Generation Module RTC Real-Time Clock SIUL System Integration Unit Lite SRAM Static Random-Access Memory SSCM System Status Configuration Module STM System Timer Module SWT Software Watchdog Timer TCU Test Control Unit MPU ECSM from peripheral Registers blocks |