Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

MPC5604BEMLL Datasheet(PDF) 57 Page - Freescale Semiconductor, Inc

No. de pieza MPC5604BEMLL
Descripción Electrónicos  MPC5604B/C Microcontroller Data Sheet
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5604BEMLL Datasheet(HTML) 57 Page - Freescale Semiconductor, Inc

Back Button MPC5604BEMLL Datasheet HTML 53Page - Freescale Semiconductor, Inc MPC5604BEMLL Datasheet HTML 54Page - Freescale Semiconductor, Inc MPC5604BEMLL Datasheet HTML 55Page - Freescale Semiconductor, Inc MPC5604BEMLL Datasheet HTML 56Page - Freescale Semiconductor, Inc MPC5604BEMLL Datasheet HTML 57Page - Freescale Semiconductor, Inc MPC5604BEMLL Datasheet HTML 58Page - Freescale Semiconductor, Inc MPC5604BEMLL Datasheet HTML 59Page - Freescale Semiconductor, Inc MPC5604BEMLL Datasheet HTML 60Page - Freescale Semiconductor, Inc MPC5604BEMLL Datasheet HTML 61Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 72 page
background image
Electrical characteristics
MPC5604B/C Microcontroller Data Sheet, Rev. 4
Freescale Semiconductor
57
Eqn. 11
From this formula, in the worst case (when VA is maximum, that is for instance 5 V), assuming to accept a maximum error of
half a count, a constraint is evident on CF value:
Eqn. 12
4.18.5.3
ADC electrical characteristics
Table 42. ADC input leakage current
Symbol C
Parameter
Conditions
Value
Unit
Min
Typ
Max
ILKG CC C Input leakage current TA = −40 °C No current injection on adjacent pin
—
1
—
nA
C
TA = 25 °C
—
1
—
C
TA = 105 °C
—
8
200
P
TA = 125 °C
—
45
400
Table 43. ADC conversion characteristics
Symbol
C
Parameter
Conditions1
Value
Uni
t
Min
Typ
Max
VSS_ADC S
R
— Voltage on
VSS_HV_ADC (ADC
reference) pin with
respect to ground
(VSS)
2
—
−0.1
—
0.1
V
VDD_ADC S
R
— Voltage on
VDD_HV_ADC pin
(ADC reference) with
respect to ground
(VSS)
—
VDD−0.1
—
VDD+0.1
V
VAINx
S
R
— Analog input voltage3
—
VSS_ADC−0.1
—
VDD_ADC+0.
1
V
fADC
S
R
— ADC analog
frequency
—
6
—
32 + 4%
MH
z
Δ
ADC_SY
S
S
R
— ADC digital clock duty
cycle (ipg_clk)
ADCLKSEL = 14
45
—
55
%
tADC_PU S
R
— ADC power up delay
—
—
—
1.5
µs
V
A
V
A2
------------
C
P1
C
P2
+C
F
+
C
P1
C
P2
+C
F
C
S
++
--------------------------------------------------------
=
C
F
2048 C
S
•
>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com