| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ATmega32U2 Datasheet(PDF) 90 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
ATmega32U2 Datasheet(HTML) 90 Page - ATMEL Corporation |
|
90 / 314 page ![]() 90 7799B–AVR–07/09 ATmega8U2/16U2/32U2 • Bits 6:1 – Res: Reserved These bits are reserved and will always read as zero. • Bit 0 – PSRSYNC: Prescaler Reset for Synchronous Timer/Counters When this bit is one, Timer/Counter0 and Timer/Counter1, Timer/Counter3, Timer/Counter4 and Timer/Counter5 prescaler will be Reset. This bit is normally cleared immediately by hardware, except if the TSM bit is set. Note that Timer/Counter0 and Timer/Counter1 share the same pres- caler and a reset of this prescaler will affect all timers. |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |