| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ATmega32U2 Datasheet(PDF) 49 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
ATmega32U2 Datasheet(HTML) 49 Page - ATMEL Corporation |
|
49 / 314 page ![]() 49 7799B–AVR–07/09 ATmega8U2/16U2/32U2 Figure 10-3. MCU Start-up, RESET Extended Externally 10.2.2 External Reset An External Reset is generated by a low level on the RESET pin. Reset pulses longer than the minimum pulse width (see “System and Reset Characteristics” on page 267) will generate a reset, even if the clock is not running. Shorter pulses are not guaranteed to generate a reset. When the applied signal reaches the Reset Threshold Voltage – V RST – on its positive edge, the delay counter starts the MCU after the Time-out period – t TOUT – has expired. Figure 10-4. External Reset During Operation RESET TIME-OUT INTERNAL RESET t TOUT V POT V RST VCC CC |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |