| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STM32TS60 Datasheet(PDF) 7 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32TS60 Datasheet(HTML) 7 Page - STMicroelectronics |
|
7 / 18 page ![]() STM32TS60 Ballout and pin description Doc ID 16925 Rev 1 7/18 Table 2. STM32TS60 pin definitions Pin no. Pin type(1) Pin level(2) PIn name Pin function A1 O COL55 Touchpanel column 55 A2 O COL61 Touchpanel column 61 A3 O COL63 Touchpanel column 63 A4 O COL52 Touchpanel column 52 A5 O COL23 Touchpanel column 23 A6 S VDD_1 Supply voltage pin 1 A7 S VSS_1 Ground pin 1 A8 I WAKEUP/SPI1_NSS Device wakeup capability. SPI1 slave select (active low) for host controller communication. A9 IO COL2/ROW50 Touchpanel column 2 Touchpanel row 50 A10 IO COL4/ROW52 Touchpanel column 4 Touchpanel row 52 A11 IO COL6/ROW54 Touchpanel column 6 Touchpanel row 54 A12 IO COL8/ROW56 Touchpanel column 8 Touchpanel row 56 B1 O COL64 Touchpanel column 64 B2 O COL49 Touchpanel column 49 B3 O COL54 Touchpanel column 54 B4 O COL53 Touchpanel column 53 B5 O COL25 Touchpanel column 25 B6 O OSC_OUT/COL78 Crystal/resonator oscillator output Touchpanel column 78 B7 OD FT I2C2_SCL(3) I2C2 clock to Haptic system B8 IO USBDM USB data for host controller communication B9 IO COL10/ROW58 Touchpanel column 10 Touchpanel row 58 B10 IO COL14/ROW62 Touchpanel column 14 Touchpanel row 62 B11 IO COL12/ROW60 Touchpanel column 12 Touchpanel row 60 B12 IO COL13/ROW61 Touchpanel column 13 Touchpanel row 61 C1 O COL62 Touchpanel column 62 C2 O COL56 Touchpanel column 56 |
|
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |