| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STM32TS60 Datasheet(PDF) 9 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32TS60 Datasheet(HTML) 9 Page - STMicroelectronics |
|
9 / 18 page ![]() STM32TS60 Ballout and pin description Doc ID 16925 Rev 1 9/18 E2 IO ROW37 Touchpanel row 37 E3 IO ROW39 Touchpanel row 39 E4 IO ROW38 Touchpanel row 38 E5 IO COL74 Touchpanel column 74 E6 IO ROW1 Touchpanel row 1 E7 IO ROW2 Touchpanel row 2 E8 O COL17 Touchpanel column 17 E9 O COL76 Touchpanel column 76 E10 IO/O SPI2_MISO(4)/COL66 SPI2 master in/slave out from/to STMT controller device (extension interface). Touchpanel column 66. E11 IO COL3/ROW51 Touchpanel column 3 Touchpanel row 51 E12 IO COL15/ROW63 Touchpanel column 15 Touchpanel row 63 F1 IO ROW41 Touchpanel row 41 F2 IO ROW34 Touchpanel row 34 F3 IO ROW35 Touchpanel row 35 F4 IO ROW36 Touchpanel row 36 F5 IO ROW3 Touchpanel row 3 F6 IO ROW12 Touchpanel row 12 F7 IO ROW10 Touchpanel row 10 F8 O COL28 Touchpanel column 28 F9 O COL30 Touchpanel column 30 F10 IO COL72 Touchpanel column 72 F11 O COL27 Touchpanel column 27 F12 O COL29 Touchpanel column 29 G1 IO ROW44 Touchpanel row 44 G2 IO ROW45 Touchpanel row 45 G3 IO ROW43 Touchpanel row 43 G4 IO ROW42 Touchpanel row 42 G5 IO ROW4 Touchpanel row 4 G6 I BOOT0 G7 O USB_PULL-UP/COL75 USB pull-up control Touchpanel column 75 Table 2. STM32TS60 pin definitions (continued) Pin no. Pin type(1) Pin level(2) PIn name Pin function |
|
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |