Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

BU9794KV Datasheet(PDF) 5 Page - Rohm

No. de pieza BU9794KV
Descripción Electrónicos  For 200 Segment type LCD LCD Segment Driver
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

BU9794KV Datasheet(HTML) 5 Page - Rohm

  BU9794KV Datasheet HTML 1Page - Rohm BU9794KV Datasheet HTML 2Page - Rohm BU9794KV Datasheet HTML 3Page - Rohm BU9794KV Datasheet HTML 4Page - Rohm BU9794KV Datasheet HTML 5Page - Rohm BU9794KV Datasheet HTML 6Page - Rohm BU9794KV Datasheet HTML 7Page - Rohm BU9794KV Datasheet HTML 8Page - Rohm BU9794KV Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
5/22
Set Frame frequency
setup
P1
P0
Reset initialize condition
80Hz
0
0
71Hz
0
1
64Hz
1
0
53Hz
1
1
○ Software Reset(SWRST)
MSB
D7
D6
D5
D4
D3
D2
D1
LSB
D0
C
1
1
0
1
0
1
1
This command will be set initialize condition.
○ Blink control (BLKCTL)
MSB
D7
D6
D5
D4
D3
D2
D1
LSB
D0
C
1
1
1
0
*
P1
P0
(Don’t care)
Set blink mode
Blink mode (Hz)
P1
P0
Reset initialize condition
OFF
0
0
0.5
0
1
1
1
0
2
1
1
○ All Pixel control (APCTL)
MSB
D7
D6
D5
D4
D3
D2
D1
LSB
D0
C
1
1
1
1
1
P1
P0
All display set ON, OFF
APON
P1
Reset initialize condition
Normal
0
All pixel ON
1
APOFF
P0
Reset initialize condition
Normal
0
All pixel OFF
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com