Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

BU9794KV Datasheet(PDF) 6 Page - Rohm

No. de pieza BU9794KV
Descripción Electrónicos  For 200 Segment type LCD LCD Segment Driver
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

BU9794KV Datasheet(HTML) 6 Page - Rohm

Back Button BU9794KV Datasheet HTML 2Page - Rohm BU9794KV Datasheet HTML 3Page - Rohm BU9794KV Datasheet HTML 4Page - Rohm BU9794KV Datasheet HTML 5Page - Rohm BU9794KV Datasheet HTML 6Page - Rohm BU9794KV Datasheet HTML 7Page - Rohm BU9794KV Datasheet HTML 8Page - Rohm BU9794KV Datasheet HTML 9Page - Rohm BU9794KV Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
6/22
0000000
a b c d e f g h
i j k l m n o p
Display Data transfer
Command
●Function description (BU9794KV)
○SPI (3wire Serial Interface)
This device is controlled by 3-wire signal (CSB, SCL, and SD).
First, Interface counter is initialized with CSB=“H", and CSB=”L” makes SD and SCL input enable.
The protocol of 3-SPI transfer is as follows.
Each command starts with Command or Data judgment bit (D/C) as MSB data, and continuously
in order of D6 – D0 are followed after CSB =”L”. (Internal data is latched at the rising edge of SCL,
it converted to 8bits parallel data at the rising edge of 8th CLK.)
D/C = “H” : Command
D/C = “L” : Data
Fig. BU9794KV-4 3-SPI Command/Data Transfer format
○ Write display data and transfer method
This device has Display Data RAM (DDRAM) of 50×4=200bit.
The relationship between data input and display data, DDRAM data and address are as follows;
8 bit data will be stored in DDRAM. The address to be written is specified by Address set
command, and the address is automatically incremented in every 4bit data.
Data can be continuously written in DDRAM by transmitting Data continuously.
(When RAM data is written successively after writing RAM data to 31h (SEG49), the address is
returned to 00h (SEG0) by the auto-increment function
DDRAM address
00
01
02
03
04
05
06
07
・・・
2Fh
30h
31h
BIT
0
a
e
i
m
COM0
1
b
f
j
n
COM1
2
c
g
k
o
COM2
3
d
h
l
p
COM3
SEG0
SEG1
SEG2
SEG3
SEG4
SEG5
SEG6
SEG7
SEG47
SEG48
SEG49
As data transfer to DDRAM is done every 4bit data,
it will be cancelled if it changes CSB=”L”→”H” before 4bits data transfer.
○ Reset initialize condition
Initial condition after execute Software Reset is as follows.
Display is OFF.
DDRAM address is initialized (DDRAM Data is not initialized).
Refer to Command Description about initialize value of register.
Command
Command/Data
D5
SCL
CSB
SD
D2
D1
D0
D7
D/C D6D5D4D3D2D1D0
D/C
D1
D0
D7
D6
D6
D5
D4
D3
D6
D5
D4
D3
D2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com