Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

X28C256F-35 Datasheet(PDF) 18 Page - Xicor Inc.

No. de pieza X28C256F-35
Descripción Electrónicos  5 Volt, Byte Alterable E2PROM
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  XICOR [Xicor Inc.]
Página de inicio  http://www.xicor.com
Logo XICOR - Xicor Inc.

X28C256F-35 Datasheet(HTML) 18 Page - Xicor Inc.

Back Button X28C256F-35 Datasheet HTML 14Page - Xicor Inc. X28C256F-35 Datasheet HTML 15Page - Xicor Inc. X28C256F-35 Datasheet HTML 16Page - Xicor Inc. X28C256F-35 Datasheet HTML 17Page - Xicor Inc. X28C256F-35 Datasheet HTML 18Page - Xicor Inc. X28C256F-35 Datasheet HTML 19Page - Xicor Inc. X28C256F-35 Datasheet HTML 20Page - Xicor Inc. X28C256F-35 Datasheet HTML 21Page - Xicor Inc. X28C256F-35 Datasheet HTML 22Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
18
X28C256
PACKAGING INFORMATION
0.021 (0.53)
0.013 (0.33)
0.420 (10.67)
0.050 (1.27) TYP.
TYP. 0.017 (0.43)
0.045 (1.14) x 45
°
0.300 (7.62)
REF.
0.453 (11.51)
0.447 (11.35)
TYP. 0.450 (11.43)
0.495 (12.57)
0.485 (12.32)
TYP. 0.490 (12.45)
PIN 1
0.400
(10.16)
REF.
0.553 (14.05)
0.547 (13.89)
TYP. 0.550 (13.97)
0.595 (15.11)
0.585 (14.86)
TYP. 0.590 (14.99)
3
° TYP.
0.048 (1.22)
0.042 (1.07)
0.140 (3.56)
0.100 (2.45)
TYP. 0.136 (3.45)
0.095 (2.41)
0.060 (1.52)
—
0.015 (0.38)
SEATING PLANE
±0.004 LEAD
CO – PLANARITY
3926 FHD F13
32-LEAD PLASTIC LEADED CHIP CARRIER PACKAGE TYPE J
NOTES:
1. ALL DIMENSIONS IN INCHES (IN PARENTHESES IN MILLIMETERS)
2. DIMENSIONS WITH NO TOLERANCE FOR REFERENCE ONLY
0.510"
TYPICAL
0.050"
TYPICAL
0.050"
TYPICAL
0.300"
REF
FOOTPRINT
0.400"
0.410"
0.030" TYPICAL
32 PLACES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com