Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

X28C256F-35 Datasheet(PDF) 7 Page - Xicor Inc.

No. de pieza X28C256F-35
Descripción Electrónicos  5 Volt, Byte Alterable E2PROM
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  XICOR [Xicor Inc.]
Página de inicio  http://www.xicor.com
Logo XICOR - Xicor Inc.

X28C256F-35 Datasheet(HTML) 7 Page - Xicor Inc.

Back Button X28C256F-35 Datasheet HTML 3Page - Xicor Inc. X28C256F-35 Datasheet HTML 4Page - Xicor Inc. X28C256F-35 Datasheet HTML 5Page - Xicor Inc. X28C256F-35 Datasheet HTML 6Page - Xicor Inc. X28C256F-35 Datasheet HTML 7Page - Xicor Inc. X28C256F-35 Datasheet HTML 8Page - Xicor Inc. X28C256F-35 Datasheet HTML 9Page - Xicor Inc. X28C256F-35 Datasheet HTML 10Page - Xicor Inc. X28C256F-35 Datasheet HTML 11Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
X28C256
7
SOFTWARE DATA PROTECTION
Figure 6. Timing Sequence—Byte or Page Write
3855 FHD F16
Figure 7. Write Sequence for
Software Data Protection
WRITE LAST
BYTE TO
LAST ADDRESS
WRITE DATA 55
TO ADDRESS
2AAA
WRITE DATA A0
TO ADDRESS
5555
WRITE DATA XX
TO ANY
ADDRESS
AFTER tWC
RE-ENTERS DATA
PROTECTED STATE
WRITE DATA AA
TO ADDRESS
5555
BYTE/PAGE
LOAD ENABLED
3855 FHD F17
Regardless of whether the device has previously been
protected or not, once the software data protection
algorithm is used and data has been written, the X28C256
will automatically disable further writes unless another
command is issued to cancel it. If no further commands
are issued the X28C256 will be write protected during
power-down and after any subsequent power-up.
Note: Once initiated, the sequence of write operations
should not be interrupted.
CE
WE
(VCC)
WRITE
PROTECTED
VCC
0V
DATA
ADDR.
AA
5555
55
2AAA
A0
5555
≤t
BLC MAX
WRITES
OK
BYTE
OR
PAGE
tWC
≤t
BLC MAX
tWPH2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com