| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AM1707ZKB4 Datasheet(PDF) 76 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM1707ZKB4 Datasheet(HTML) 76 Page - Texas Instruments |
|
76 / 198 page ![]() AM1707 SPRS637A – FEBRUARY 2010 – REVISED APRIL 2010 www.ti.com 6.12.1 Interfacing to SDRAM The EMIFB supports a glueless interface to SDRAM devices with the following characteristics: • Pre-charge bit is A[10] • Supports 8, 9, 10 or 11 column address bits • Supports up to 13 row address bits • Supports 1, 2 or 4 internal banks Table 6-24 shows the supported SDRAM configurations for EMIFB. Table 6-24. EMIFB Supported SDRAM Configurations(1) SDRAM Memory Memory Number of EMIFB Data Total Memory Total Memory Data Bus Rows Columns Banks Density Memories Bus Size (Mbits) (Mbytes) Width (Mbits) (bits) 1 32 13 8 1 64 8 64 1 32 13 8 2 128 16 128 1 32 13 8 4 256 32 256 1 32 13 9 1 128 16 128 1 32 13 9 2 256 32 256 1 32 13 9 4 512 64 512 32 1 32 13 10 1 256 32 256 1 32 13 10 2 512 64 512 1 32 13 10 4 1024 128 1024 1 32 13 11 1 512 64 512 1 32 13 11 2 1024 128 1024 1 32 13 11 4 2048 256 2048 2 32 13 8 1 64 8 32 2 32 13 8 2 128 16 64 2 32 13 8 4 256 32 128 2 32 13 9 1 128 16 64 2 32 13 9 2 256 32 128 2 32 13 9 4 512 64 256 16 2 32 13 10 1 256 32 128 2 32 13 10 2 512 64 256 2 32 13 10 4 1024 128 512 2 32 13 11 1 512 64 256 2 32 13 11 2 1024 128 512 2 32 13 11 4 2048 256 1024 (1) The shaded cells indicate configurations that are possible on the EMIFB interface but as of this writing SDRAM memories capable of supporting these densities are not available in the market. Figure 6-21 shows an interface between the EMIFB and a 2M × 16 × 4 bank SDRAM device. In addition, Figure 6-22 shows an interface between the EMIFB and a 2M × 32 × 4 bank SDRAM device and Figure 6-23 shows an interface between the EMIFB and two 4M × 16 × 4 bank SDRAM devices. Refer to Table 6-25 , as an example that shows additional list of commonly-supported SDRAM devices and the required connections for the address pins. Note that in Table 6-25, page size/column size (not indicated in the table) is varied to get the required addressability range. 76 Peripheral Information and Electrical Specifications Copyright © 2010, Texas Instruments Incorporated Submit Documentation Feedback Product Folder Link(s): AM1707 |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |