Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

AM1707ZKB4 Datasheet(PDF) 98 Page - Texas Instruments

No. de pieza AM1707ZKB4
Descripción Electrónicos  AM1707 ARM Microprocessor
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

AM1707ZKB4 Datasheet(HTML) 98 Page - Texas Instruments

Back Button AM1707ZKB4 Datasheet HTML 94Page - Texas Instruments AM1707ZKB4 Datasheet HTML 95Page - Texas Instruments AM1707ZKB4 Datasheet HTML 96Page - Texas Instruments AM1707ZKB4 Datasheet HTML 97Page - Texas Instruments AM1707ZKB4 Datasheet HTML 98Page - Texas Instruments AM1707ZKB4 Datasheet HTML 99Page - Texas Instruments AM1707ZKB4 Datasheet HTML 100Page - Texas Instruments AM1707ZKB4 Datasheet HTML 101Page - Texas Instruments AM1707ZKB4 Datasheet HTML 102Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 198 page
background image
AM1707
SPRS637A – FEBRUARY 2010 – REVISED APRIL 2010
www.ti.com
Table 6-44. McASP Registers Accessed Through Peripheral Configuration Port (continued)
McASP0
McASP1
McASP2
ACRONYM
REGISTER DESCRIPTION
BYTE
BYTE
BYTE
ADDRESS
ADDRESS
ADDRESS
0x01D0 0218
0x01D0 4218
0x01D0 8218
XBUF6(1)
Transmit buffer register for serializer 6
0x01D0 021C
0x01D0 421C
0x01D0 821C
XBUF7(1)
Transmit buffer register for serializer 7
0x01D0 0220
0x01D0 4220
0x01D0 8220
XBUF8(1)
Transmit buffer register for serializer 8
0x01D0 0224
0x01D0 4224
0x01D0 8224
XBUF9(1)
Transmit buffer register for serializer 9
0x01D0 0228
0x01D0 4228
0x01D0 8228
XBUF10(1)
Transmit buffer register for serializer 10
0x01D0 022C
0x01D0 422C
0x01D0 822C
XBUF11(1)
Transmit buffer register for serializer 11
0x01D0 0230
0x01D0 4230
0x01D0 8230
XBUF12(1)
Transmit buffer register for serializer 12
0x01D0 0234
0x01D0 4234
0x01D0 8234
XBUF13(1)
Transmit buffer register for serializer 13
0x01D0 0238
0x01D0 4238
0x01D0 8238
XBUF14(1)
Transmit buffer register for serializer 14
0x01D0 023C
0x01D0 423C
0x01D0 823C
XBUF15(1)
Transmit buffer register for serializer 15
0x01D0 0280
0x01D0 4280
0x01D0 8280
RBUF0(2)
Receive buffer register for serializer 0
0x01D0 0284
0x01D0 4284
0x01D0 8284
RBUF1(2)
Receive buffer register for serializer 1
0x01D0 0288
0x01D0 4288
0x01D0 8288
RBUF2(2)
Receive buffer register for serializer 2
0x01D0 028C
0x01D0 428C
0x01D0 828C
RBUF3(2)
Receive buffer register for serializer 3
0x01D0 0290
0x01D0 4290
0x01D0 8290
RBUF4(3)
Receive buffer register for serializer 4
0x01D0 0294
0x01D0 4294
0x01D0 8294
RBUF5(3)
Receive buffer register for serializer 5
0x01D0 0298
0x01D0 4298
0x01D0 8298
RBUF6(3)
Receive buffer register for serializer 6
0x01D0 029C
0x01D0 429C
0x01D0 829C
RBUF7(3)
Receive buffer register for serializer 7
0x01D0 02A0
0x01D0 42A0
0x01D0 82A0
RBUF8(3)
Receive buffer register for serializer 8
0x01D0 02A4
0x01D0 42A4
0x01D0 82A4
RBUF9(3)
Receive buffer register for serializer 9
0x01D0 02A8
0x01D0 42A8
0x01D0 82A8
RBUF10(3)
Receive buffer register for serializer 10
0x01D0 02AC 0x01D0 42AC 0x01D0 82AC
RBUF11(3)
Receive buffer register for serializer 11
0x01D0 02B0
0x01D0 42B0
0x01D0 82B0
RBUF12(3)
Receive buffer register for serializer 12
0x01D0 02B4
0x01D0 42B4
0x01D0 82B4
RBUF13(3)
Receive buffer register for serializer 13
0x01D0 02B8
0x01D0 42B8
0x01D0 82BB
RBUF14(3)
Receive buffer register for serializer 14
0x01D0 02BC 0x01D0 42BC 0x01D0 82BC
RBUF15(3)
Receive buffer register for serializer 15
(2)
Reads from XRBUF originate on peripheral configuration port only when RBUSEL = 1 in RFMT.
(3)
Reads from XRBUF originate on peripheral configuration port only when RBUSEL = 1 in RFMT.
Table 6-45. McASP Registers Accessed Through DMA Port
McASP0
McASP1
McASP2
BYTE
BYTE
BYTE
ACRONYM
REGISTER DESCRIPTION
ADDRESS
ADDRESS
ADDRESS
Receive buffer DMA port address. Cycles through receive
serializers, skipping over transmit serializers and inactive
Read
01D0 2000
01D0 6000
01D0 A000
RBUF
serializers. Starts at the lowest serializer at the beginning of
Accesses
each time slot. Reads from DMA port only if XBUSEL = 0 in
XFMT.
Transmit buffer DMA port address. Cycles through transmit
Write
serializers, skipping over receive and inactive serializers.
01D0 2000
01D0 6000
01D0 A000
XBUF
Accesses
Starts at the lowest serializer at the beginning of each time
slot. Writes to DMA port only if RBUSEL = 0 in RFMT.
Table 6-46. McASP AFIFO Registers Accessed Through Peripheral Configuration Port
McASP0
McASP1
McASP2
ACRONYM
REGISTER DESCRIPTION
BYTE ADDRESS
BYTE ADDRESS
BYTE ADDRESS
0x01D0 1000
0x01D0 5000
0x01D0 9000
AFIFOREV
AFIFO revision identification register
0x01D0 1010
0x01D0 5010
0x01D0 9010
WFIFOCTL
Write FIFO control register
98
Peripheral Information and Electrical Specifications
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): AM1707



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com