| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AM1707ZKB4 Datasheet(PDF) 102 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM1707ZKB4 Datasheet(HTML) 102 Page - Texas Instruments |
|
102 / 198 page ![]() AM1707 SPRS637A – FEBRUARY 2010 – REVISED APRIL 2010 www.ti.com 6.17.2.2 Multichannel Audio Serial Port 1 (McASP1) Timing Table 6-49 and Table 6-50 assume testing over recommended operating conditions (see Figure 6-34 and Figure 6-35). Table 6-49. McASP1 Timing Requirements(1) (2) No. PARAMETER MIN MAX UNIT Cycle time, AHCLKR1 external, AHCLKR1 input 20 1 tc(AHCLKRX) ns Cycle time, AHCLKX1 external, AHCLKX1 input 20 Pulse duration, AHCLKR1 external, AHCLKR1 input 10 2 tw(AHCLKRX) ns Pulse duration, AHCLKX1 external, AHCLKX1 input 10 Cycle time, ACLKR1 external, ACLKR1 input greater of 2P or 20 3 tc(ACLKRX) ns Cycle time, ACLKX1 external, ACLKX1 input greater of 2P or 20 Pulse duration, ACLKR1 external, ACLKR1 input 10 4 tw(ACLKRX) ns Pulse duration, ACLKX1 external, ACLKX1 input 10 Setup time, AFSR1 input to ACLKR1 internal(3) 10.4 Setup time, AFSX1 input to ACLKX1 internal 10.4 Setup time, AFSR1 input to ACLKR1 external input(3) 2.6 5 tsu(AFSRX-ACLKRX) ns Setup time, AFSX1 input to ACLKX1 external input 2.6 Setup time, AFSR1 input to ACLKR1 external output(3) 2.6 Setup time, AFSX1 input to ACLKX1 external output 2.6 Hold time, AFSR1 input after ACLKR1 internal(3) -2.4 Hold time, AFSX1 input after ACLKX1 internal -2.4 Hold time, AFSR1 input after ACLKR1 external input(3) 0.85 6 th(ACLKRX-AFSRX) ns Hold time, AFSX1 input after ACLKX1 external input 0.8 Hold time, AFSR1 input after ACLKR1 external output(3) 0.3 Hold time, AFSX1 input after ACLKX1 external output 0.3 Setup time, AXR1[n] input to ACLKR1 internal(3) 10.4 Setup time, AXR1[n] input to ACLKX1 internal(4) 10.4 Setup time, AXR1[n] input to ACLKR1 external input(3) 2.6 7 tsu(AXR-ACLKRX) ns Setup time, AXR1[n] input to ACLKX1 external input(4) 2.6 Setup time, AXR1[n] input to ACLKR1 external output(3) 2.6 Setup time, AXR1[n] input to ACLKX1 external output(4) 2.6 Hold time, AXR1[n] input after ACLKR1 internal(3) -2.4 Hold time, AXR1[n] input after ACLKX1 internal(4) -2.4 Hold time, AXR1[n] input after ACLKR1 external input(3) 0.65 8 th(ACLKRX-AXR) ns Hold time, AXR1[n] input after ACLKX1 external input(4) 0.4 Hold time, AXR1[n] input after ACLKR1 external output(3) 0.4 Hold time, AXR1[n] input after ACLKX1 external output(4) 0.4 (1) ACLKX1 internal – McASP1 ACLKXCTL.CLKXM = 1, PDIR.ACLKX = 1 ACLKX1 external input – McASP1 ACLKXCTL.CLKXM = 0, PDIR.ACLKX = 0 ACLKX1 external output – McASP1 ACLKXCTL.CLKXM = 0, PDIR.ACLKX = 1 ACLKR1 internal – McASP1 ACLKRCTL.CLKRM = 1, PDIR.ACLKR =1 ACLKR1 external input – McASP1 ACLKRCTL.CLKRM = 0, PDIR.ACLKR = 0 ACLKR1 external output – McASP1 ACLKRCTL.CLKRM = 0, PDIR.ACLKR = 1 (2) P = SYSCLK2 period (3) McASP1 ACLKXCTL.ASYNC=1: Receiver is clocked by its own ACLKR1 (4) McASP1 ACLKXCTL.ASYNC=0: Receiver is clocked by transmitter's ACLKX1 102 Peripheral Information and Electrical Specifications Copyright © 2010, Texas Instruments Incorporated Submit Documentation Feedback Product Folder Link(s): AM1707 |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |