| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STA015 Datasheet(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STA015 Datasheet(HTML) 2 Page - STMicroelectronics |
|
2 / 56 page ![]() Obsolete Product(s) - Obsolete Product(s) STA015 2/56 Figure 1. 1a. Block Diagram for TQFP44 and LFBGA64 package. 1b. BLOCK DIAGRAM for SO28 package I 2C CONTROL SERIAL INPUT INTERFACE BUFFER 256 x 8 MPEG L III ADPCM CORE VOLUME & TONE CONTROL OUTPUT BUFFER PCM OUTPUT INTERFACE GPIO INTERFACE GPSO INTERFACE PARSER 25 31 32 RESET SDA SCL 34 36 38 27 BIT_EN DATA-REQ SCKR SDI ADC INPUT INTERFACE 40 26 24 SDI_ADC LRCK_ADC SCK_ADC SDO IODATA [7:0] STROBE 42 43 41 39 37 14 16 18 20 35 44 2 3 SCKT LRCKT GPSO_REQ 4 28 33 GPSO_SCKR GPSO_DATA OCLK SYSTEM & AUDIO CLOCKS XTI XTO FILT TESTEN D99AU1116B 15 13 22 12 DSP BASED TQFP44 I 2C CONTROL SERIAL INPUT INTERFACE BUFFER 256 x 8 MPEG L III ADPCM CORE VOLUME & TONE CONTROL OUTPUT BUFFER PCM OUTPUT INTERFACE PARSER 26 34 RESET SDA SCL 5 6 7 28 BIT_EN GPSO_SCKR SCKR SDI ADC INPUT INTERFACE 8 27 25 SDI_ADC LRCK_ADC SCK_ADC SDO 9 10 11 12 SCKT LRCKT OCLK SYSTEM & AUDIO CLOCKS XTI XTO FILT TESTEN D99AU1117B 21 20 24 19 DSP BASED SO28 |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |