Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

SC189CEVB-2 Datasheet(PDF) 9 Page - Semtech Corporation

No. de pieza SC189CEVB-2
Descripción Electrónicos  2.5MHz, 1.5A Synchronous Step Down Regulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SEMTECH [Semtech Corporation]
Página de inicio  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC189CEVB-2 Datasheet(HTML) 9 Page - Semtech Corporation

Back Button SC189CEVB-2 Datasheet HTML 5Page - Semtech Corporation SC189CEVB-2 Datasheet HTML 6Page - Semtech Corporation SC189CEVB-2 Datasheet HTML 7Page - Semtech Corporation SC189CEVB-2 Datasheet HTML 8Page - Semtech Corporation SC189CEVB-2 Datasheet HTML 9Page - Semtech Corporation SC189CEVB-2 Datasheet HTML 10Page - Semtech Corporation SC189CEVB-2 Datasheet HTML 11Page - Semtech Corporation SC189CEVB-2 Datasheet HTML 12Page - Semtech Corporation SC189CEVB-2 Datasheet HTML 13Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
www.semtech.com
© 2009 Semtech Corp.
9
SC189
Output Voltage Ripple (V
OUT=1.5V)
Output Voltage Ripple (V
OUT=1.5V)
Transient Response (V
OUT=1.5V; 0A to 0.5A)
Output Voltage Ripple (V
OUT=1.5V)
Output Voltage Ripple (V
OUT=1.5V)
Transient Response (V
OUT=1.5V; 0.5A to 1.0A)
VOUT
10mV/div
VLX
2V/div
ILX
500mA/div
500ns/div
VIN=5.0V
IOUT=0A
Output Voltage Ripple (VOUT=1.5V)
VOUT
10mV/div
VLX
2V/div
ILX
500mA/div
500ns/div
VIN=3.3V
IOUT=0A
Output Voltage Ripple (VOUT=1.5V)
V
OUT
100mV/div
I
OUT
500mA/div
50µs/div
Transient Response (VOUT=1.5V)
VIN=5.0V
IOUT=0A to 0.5A
VOUT
10mV/div
VLX
2V/div
ILX
500mA/div
500ns/div
Output Voltage Ripple (VOUT=1.5V)
VIN=5.0V
IOUT=1.5A
VOUT
10mV/div
VLX
2V/div
ILX
500mA/div
500ns/div
Output Voltage Ripple (VOUT=1.5V)
VIN=3.3V
IOUT=1.5A
V
OUT
100mV/div
I
OUT
500mA/div
50µs/div
Transient Response (VOUT=1.5V)
VIN=5.0V
IOUT=0.5A to 1A
Typical Waveforms
Circuit Conditions: V
OUT=1.5V (SC189HULTRT); L= 2.2uH (TOKO: 1071AS-2R2M); CIN= COUT= 10uF/6.3V (Murata: GRM21BR60J106K).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com