Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

SC189CEVB-2 Datasheet(PDF) 20 Page - Semtech Corporation

No. de pieza SC189CEVB-2
Descripción Electrónicos  2.5MHz, 1.5A Synchronous Step Down Regulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SEMTECH [Semtech Corporation]
Página de inicio  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC189CEVB-2 Datasheet(HTML) 20 Page - Semtech Corporation

Back Button SC189CEVB-2 Datasheet HTML 15Page - Semtech Corporation SC189CEVB-2 Datasheet HTML 16Page - Semtech Corporation SC189CEVB-2 Datasheet HTML 17Page - Semtech Corporation SC189CEVB-2 Datasheet HTML 18Page - Semtech Corporation SC189CEVB-2 Datasheet HTML 19Page - Semtech Corporation SC189CEVB-2 Datasheet HTML 20Page - Semtech Corporation SC189CEVB-2 Datasheet HTML 21Page - Semtech Corporation SC189CEVB-2 Datasheet HTML 22Page - Semtech Corporation SC189CEVB-2 Datasheet HTML 23Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 20 / 23 page
background image
www.semtech.com
© 2009 Semtech Corp.
20
SC189
capacitor’s capacitance, verify the voltage derating effect
from the capacitor vendors data sheet.
Capacitors with X7R or X5R ceramic dielectric are
recommended for their low ESR and superior temperature
and voltage characteristics. Y5V capacitors should not
be used as their temperature coefficients make them
unsuitable for this application.
The output voltage droop due to a load transient is
determined by the capacitance of the ceramic output
capacitor. The ceramic capacitor supplies the load current
initially until the loop responds. Within a few switching
cycles the loop will respond and the inductor current will
increase to match the required load. The output voltage
droop during the period prior to the loop responding
can be related to the choice of output capacitor by the
relationship.
OSC
DROOP
LOAD
OUT
f
V
I
C
⋅
∆
⋅
= 3
The output capacitor RMS current ripple may be calcu-
lated from the equation
(
)


⋅
⋅
−
⋅
=
IN
OSC
OUT
MAX
IN
OUT
RMS
COUT
V
f
L
V
V
V
I
)
(
)
(
3
2
1
Table 3 lists the manufacturers of recommended output
capacitor options.
C
IN Selection
The SC189 source input current is a DC supply current
with a triangular ripple imposed on it. To prevent large
input voltage ripple, a low ESR ceramic capacitor is
required. A minimum value of 4.7μF should be used. It is
important to consider the DC voltage coefficient charac-
teristics when determining the actual required value. To
estimate the required input capacitor, determine the
acceptable input ripple voltage and calculate the
minimum value required for C
IN from the equation
OSC
OUT
IN
OUT
IN
OUT
IN
f
ESR
I
V
V
V
V
V
C
⋅


−
∆


−
=
1
Applications Information (continued)
The input capacitor RMS ripple current varies with the
input and output voltage. The maximum input capacitor
RMS current is found from the equation


−
=
IN
OUT
IN
OUT
RMS
CIN
V
V
V
V
I
1
)
(
The input voltage ripple and RMS current ripple are at
maximum when the input voltage is twice the output
voltage or 50% duty cycle.
The input capacitor provides a low impedance loop for
the edges of pulsed current drawn by the PMOS switch.
Low ESR/ESL X5R ceramic capacitors are recommended
for this function. To minimise stray inductance ,the
capacitor should be placed as closely as possible to the
VIN and GND pins of the SC189.
Manufacturer
Part Nunber
Value
(μF)
Type
Rated
Voltage
(VDC)
Value
at
3.3V
(μF)
Dimensions
LxWxH
(mm)
Murata
GRM21BR61A106K
10±10%
X5R
10
4.42
2.0x1.25x1.25
(EIA:0805)
Murata
GRM21BR71A106K
10±10%
X7R
10
4.88
2.0x1.25x1.25
(EIA:0805)
Murata
GRM21BR60J106K
10±10%
X5R
6.3
4.05
2.0x1.25x1.25
(EIA:0805)
Murata
GRM21BR70J106K
10±10%
X7R
6.3
4.91
2.0x1.25x1.25
(EIA:0805)
Murata
GRM21BR60J226M
22±20%
X5R
6.3
6.57
2.0x1.25x1.25
(EIA:0805)
Table 3 – Recommended Capacitors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com