| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
LP38511TS Datasheet(PDF) 2 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
LP38511TS Datasheet(HTML) 2 Page - National Semiconductor (TI) |
|
2 / 14 page ![]() Ordering Information TABLE 1. Package Marking and Ordering Information Output Voltage Order Number Package Type Package Marking Supplied As: 1.8 LP38511TJ-1.8 TO263-5 THIN LP38511TJ-1.8 Tape and Reel LP38511TS-1.8 TO263-5 LP38511TS-1.8 Rail LP38511TSX-1.8 TO263-5 LP38511TS-1.8 Tape and Reel Connection Diagrams 20182904 Top View TO-263 5 Pin Package 20182905 Top View TO-263 THIN 5 Pin Package Pin Descriptions for TO-263 and TO-263 THIN Packages Pin # Pin Name Function 1 EN Enable. Pull high to enable the output, low to disable the output. This pin has no internal bias and must be tied to the input voltage, or actively driven. 2 IN Input Supply Pin 3 GND Ground 4 OUT Regulated Output Voltage Pin 5 ERROR ERROR Flag. A high level indicates that V OUT is within 15% (VOUT falling) of the nominal regulated voltage. TAB/DAP TAB/DAP The TO-263 TAB, and the TO-263 THIN DAP, is used as a thermal connection to remove heat from the device to an external heatsink. The TAB/DAP is internally connected to device pin 3, and is electrical ground connection. www.national.com 2 |