| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
LP38511TS Datasheet(PDF) 3 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
LP38511TS Datasheet(HTML) 3 Page - National Semiconductor (TI) |
|
3 / 14 page ![]() Absolute Maximum Ratings (Note 1) If Military/Aerospace specified devices are required, please contact the National Semiconductor Sales Office/ Distributors for availability and specifications. Storage Temperature Range −65°C to +150°C Peak Reflow Temperature (Note 3) PSOP-8 260°C, 30s TO-263 260°C, 30s ESD Rating (Note 2) ±2 kV Power Dissipation(Note 4) Internally Limited Input Pin Voltage (Survival) −0.3V to +6.0V Enable Pin Voltage (Survival) −0.3V to +6.0V Output Pin Voltage (Survival) −0.3V to +6.0V ERROR Pin Voltage (Survival) 0.3V to +6.0V I OUT(Survival) Internally Limited Operating Ratings (Note 1) Input Supply Voltage, V IN 2.25V to 5.5V Enable Input Voltage, V EN 0.0V to 5.5V ERROR Pin Voltage 0.0V to V IN Output Current (DC) 0 mA to 800 mA Junction Temperature (Note 4) −40°C to +125°C Electrical Characteristics Unless otherwise specified: V IN = 2.5V, IOUT = 10 mA, CIN = 10 µF, COUT = 10 µF, VEN = VIN. Limits in standard type are for TJ = 25°C only; limits in boldface type apply over the junction temperature (T J) range of -40°C to +125°C. Minimum and Maximum limits are guaranteed through test, design, or statistical correlation. Typical values represent the most likely parametric norm at T J = 25°C, and are provided for reference purposes only. Symbol Parameter Conditions Min Typ Max Units V OUT Output Voltage Tolerance (Note 7) 2.25V ≤ V IN ≤ 5.5V 10 mA ≤ I OUT ≤ 800 mA -1.0 −2.5 0 +1.0 +2.5 % ΔV OUT/ΔVIN Output Voltage Line Regulation (Notes 5, 7) 2.25V ≤ V IN ≤ 5.5V - 0.02 0.06 - %/V ΔV OUT/ΔIOUT Output Voltage Load Regulation (Notes 6, 7) 10 mA ≤ I OUT ≤ 800 mA - 0.25 0.40 - %/A V DO Dropout Voltage (Note 8) I OUT = 800 mA - 135 225 260 mV I GND Ground Pin Current, Output Enabled I OUT = 10 mA ERROR pin = GND - 7.5 11 12 mA I OUT = 800 mA ERROR pin = GND - 9.5 13 14 Ground Pin Current, Output Disabled V EN = 0.50V ERROR pin = GND - 0.1 3.5 12 µA I SC Short Circuit Current V OUT = 0V - 1.5 - A Enable Input V EN(ON) Enable ON Threshold V EN rising from 0.50V until V OUT = ON 0.90 0.80 1.20 1.50 1.60 V V EN(OFF) Enable OFF Threshold V EN falling from 1.60V until V OUT = OFF 0.60 0.50 1.00 1.40 1.50 V V EN(HYS) Enable Hysteresis V EN(ON) - VEN(OFF) - 200 - mV t d(OFF) Turn-off delay Time from V EN < VEN(OFF) to VOUT = OFF, I LOAD = 1.5A - 1 - µs t d(ON) Turn-on delay Time from V EN >VEN(ON) to VOUT = ON, I LOAD = 800 mA - 25 - I EN Enable Pin Current V EN = VIN - 1 - nA V EN = 0V - -1 - 3 www.national.com |