Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

IC-MB3 Datasheet(PDF) 7 Page - IC-Haus GmbH

No. de pieza IC-MB3
Descripción Electrónicos  BiSS INTERFACE MASTER, 1-Chan./3-Slaves
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ICHAUS [IC-Haus GmbH]
Página de inicio  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-MB3 Datasheet(HTML) 7 Page - IC-Haus GmbH

Back Button IC-MB3 Datasheet HTML 3Page - IC-Haus GmbH IC-MB3 Datasheet HTML 4Page - IC-Haus GmbH IC-MB3 Datasheet HTML 5Page - IC-Haus GmbH IC-MB3 Datasheet HTML 6Page - IC-Haus GmbH IC-MB3 Datasheet HTML 7Page - IC-Haus GmbH IC-MB3 Datasheet HTML 8Page - IC-Haus GmbH IC-MB3 Datasheet HTML 9Page - IC-Haus GmbH IC-MB3 Datasheet HTML 10Page - IC-Haus GmbH IC-MB3 Datasheet HTML 11Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
iC-MB3
BiSS INTERFACE MASTER, 1-Chan./3-Slaves
Rev D1, Page 7/26
Figure 3: Write cycle (Intel Mode)
Figure 4: Read cycle (Intel Mode)
OPERATING REQUIREMENTS: µC Interface, INTEL mode
Operating conditions: CFGSPI = 0, INT_NMOT = 1
VDD = 3 ... 5.5V, Ta = -25 ... 85 °C; input levels lo = 0 ... 0.45 V, hi = 2.4 V ... VDD
Item
Symbol
Parameter
Conditions
Fig.
Unit
Min.
Max.
I01
tsAA
Setup Time:
Address stable before ALE hi
6lo
3/4
15
ns
I02
tAh
Signal Duration:
ALE at high level
3/4
10
ns
I03
tsCA
Setup Time:
NCS hi
6lo until ALE hi6lo
3/4
10
ns
l04
thAA
Hold Time:
Address stable after ALE hi
6lo
3/4
15
ns
l05
tsAW
Setup Time:
ALE hi
6lo until NWR_E hi6lo
30
ns
l06
tWl
Signal Duration:
NWR_E at low level
310
ns
l07
tsDW
Setup Time:
Data stable before NWR_E lo
6hi
315
ns
l08
thWD
Hold Time:
Data stable after NWR_E lo
6hi
30
ns
l09
thWC
Hold Time:
NCS lo after NWR_E lo
6hi
30
ns
l10
thWA
thRA
Hold Time:
ALE lo after NWR_E lo
6hi
NCS = lo
3/4
15
ns
l11
tsAR
Setup Time:
ALE hi
6lo until NRD_RNW hi6lo
40
ns
l12
tRl
Signal Duration:
NRD_RNW at low level
470
ns
l13
tpRD1
Propagation Delay:
Data stable after NRD_RNW hi
6lo
4
0
25
ns
l14
tpRD2
Propagation Delay:
Data Bus high impedance after
NRD_RNW lo
6hi
4
0
25
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com