Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

IC-MB3 Datasheet(PDF) 8 Page - IC-Haus GmbH

No. de pieza IC-MB3
Descripción Electrónicos  BiSS INTERFACE MASTER, 1-Chan./3-Slaves
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ICHAUS [IC-Haus GmbH]
Página de inicio  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-MB3 Datasheet(HTML) 8 Page - IC-Haus GmbH

Back Button IC-MB3 Datasheet HTML 4Page - IC-Haus GmbH IC-MB3 Datasheet HTML 5Page - IC-Haus GmbH IC-MB3 Datasheet HTML 6Page - IC-Haus GmbH IC-MB3 Datasheet HTML 7Page - IC-Haus GmbH IC-MB3 Datasheet HTML 8Page - IC-Haus GmbH IC-MB3 Datasheet HTML 9Page - IC-Haus GmbH IC-MB3 Datasheet HTML 10Page - IC-Haus GmbH IC-MB3 Datasheet HTML 11Page - IC-Haus GmbH IC-MB3 Datasheet HTML 12Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
iC-MB3
BiSS INTERFACE MASTER, 1-Chan./3-Slaves
Rev D1, Page 8/26
Figure 5: Write cycle (Motorola Mode)
Figure 6: Read cycle (Motorola Mode)
OPERATING REQUIREMENTS: µC Interface, MOTOROLA mode
Operating conditions: CFGSPI = 0, INT_NMOT = 0
VDD = 3 ... 5.5V, Ta = -25 ... 85 °C; input levels lo = 0 ... 0.45 V, hi = 2.4 V ... VDD
Item
Symbol
Parameter
Conditions
Fig.
Unit
Min.
Max.
I20
tsAA
Setup Time:
Address stable before ALE hi
6lo
5/6
15
ns
I21
tAh
Signal Duration:
ALE at high level
5/6
10
ns
I22
tsCA
Setup Time:
NCS hi
6lo until ALE hi6lo
5/6
10
ns
l23
thAA
Hold Time:
Address stable after ALE hi
6lo
5/6
15
ns
l24
tsAE
Setup Time:
ALE hi
6lo until NWR_E lo6hi
5/6
0
ns
l25
tsRE
Setup Time:
NRD_RNW lo
6hi until NWR_E lo6hi
5/6
0
ns
l26
tEh
Signal Duration:
NWR_E at high level
5/6
10
ns
l27
tsDE
Setup Time:
Data stable before NWR_E hi
6lo
515
ns
l28
thED
Hold Time:
Data stable before NWR_E hi
6lo
50
ns
l29
thEC
Hold Time:
NCS lo after NWR_E hi
6lo
5/6
0
ns
l30
thER
Hold Time:
NRD_RNW lo after NWR_E hi
6lo
5/6
0
ns
l31
tpED1
Propagation Delay:
Data stable after NWR_E lo
6hi
6
0
25
ns
l32
tpED2
Propagation Delay:
Data bus high impedance after
NWR_E hi
6lo
6
0
25
ns
l33
thEA
Hold Time:
NWR_E hi
6lo before ALE lo6hi
NCS = lo
5/6
0
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com