Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

AP2152A Datasheet(PDF) 8 Page - Diodes Incorporated

No. de pieza AP2152A
Descripción Electrónicos  0.5A DUAL CHANNEL CURRENT-LIMITED POWER SWITCH WITH OUTPUT DISCHARGE
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DIODES [Diodes Incorporated]
Página de inicio  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2152A Datasheet(HTML) 8 Page - Diodes Incorporated

Back Button AP2152A Datasheet HTML 4Page - Diodes Incorporated AP2152A Datasheet HTML 5Page - Diodes Incorporated AP2152A Datasheet HTML 6Page - Diodes Incorporated AP2152A Datasheet HTML 7Page - Diodes Incorporated AP2152A Datasheet HTML 8Page - Diodes Incorporated AP2152A Datasheet HTML 9Page - Diodes Incorporated AP2152A Datasheet HTML 10Page - Diodes Incorporated AP2152A Datasheet HTML 11Page - Diodes Incorporated AP2152A Datasheet HTML 12Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
AP2142A/AP2152A
0.5A DUAL CHANNEL CURRENT-LIMITED POWER
SWITCH WITH OUTPUT DISCHARGE
AP2142A/2152A
Document number: DS32191 Rev. 2 - 2
8 of 17
www.diodes.com
October 2010
© Diodes Incorporated
Typical Performance Characteristics (Continued)
UVLO Decreasing
UVLO Increasing (No Load)
20ms/div
1ms/div
UVLO Decreasing (No Load)
Channel 1 Enabled and Shorted
with Channel 2 Enabled
20ms/div
5ms/div
Channel 2 Enabled and Shorted
with Channel 1 Enabled
Channels 1 and 2 Enabled and Shorted
5ms/div
5ms/div
TA=25°C
CL=1μF
RL=10Ω
Vin
2V/div
Iout
200mA/div
Vout
5V/div
TA=25°C
CL=1μF
RL=0Ω
Vin
2V/div
Vout
5V/div
TA=25°C
CL=1μF
RL=0Ω
Vin
2V/div
Vout
5V/div
Vout1
5V/div
FLG1
5V/div
Vout2
5V/div
FLG2
5V/div
VIN=5V
TA=25°C
CL=1μF
Vout1
5V/div
FLG1
5V/div
Vout2
5V/div
FLG2
5V/div
VIN=5V
TA=25°C
CL=1μF
Vout1
5V/div
FLG1
5V/div
Vout2
5V/div
FLG2
5V/div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com