Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

ISL89367 Datasheet(PDF) 3 Page - Intersil Corporation

No. de pieza ISL89367
Descripción Electrónicos  High Speed, Dual Channel, 6A, MOSFET Driver With Programmable Rising and Falling Edge Delay Timers
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL89367 Datasheet(HTML) 3 Page - Intersil Corporation

  ISL89367 Datasheet HTML 1Page - Intersil Corporation ISL89367 Datasheet HTML 2Page - Intersil Corporation ISL89367 Datasheet HTML 3Page - Intersil Corporation ISL89367 Datasheet HTML 4Page - Intersil Corporation ISL89367 Datasheet HTML 5Page - Intersil Corporation ISL89367 Datasheet HTML 6Page - Intersil Corporation ISL89367 Datasheet HTML 7Page - Intersil Corporation ISL89367 Datasheet HTML 8Page - Intersil Corporation ISL89367 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
ISL89367
3
FN7727.0
January 31, 2011
Pin Configurations
ISL89367
(16 LD TDFN, EPSOIC)
TOP VIEW
EPAD
INVA
IN1A
INVB
IN2B
IN1B
IN2A
FDELB
RDELB
VSS
OUTB
OUTA
VDD
RDELA
FDELA
1
2
3
4
5
6
7
8
12
9
10
11
13
14
15
16
VREF+
VREF-
INVx
IN1x
IN2x
OUTx
0
0
0
0
0
0
1
0
0
1
0
0
0
1
1
1
1
0
0
1
1
0
1
1
1
1
0
1
1
1
1
0
OUTx
IN1x
IN2x
INVx
TRUTH TABLE
Pin Descriptions
PIN
NUMBER SYMBOL
DESCRIPTION
1, 8
VREF+
VREF-
VREF+ and VREF- are the reference voltages for
the IN1A, IN1B, IN2A, and IN2B logic inputs.
VREF+ is normally connected to the positive bias
voltage of the input logic. VREF- is normally
connected to the ground reference of the input
logic.
2, 7
INVA or
INVB
Connect these pins to VDD to invert the
corresponding output. Connect to VSS to not
invert the corresponding output.
3, 4,
5, 6
IN1A,
IN2A,
IN1B,
IN2B
ANDed logical inputs. One input to each channel
can be used as an enable. Logic high threshold is
63% of [(VREF+) - (VREF-)]. Logic low threshold is
37% of [(VREF+) - (VREF-)].
9, 16
FDELB,
FDELA
Connect a resistor between these pins and VSS to
program the duration of the falling edge
propagation delay of the corresponding output
relative to the logic inputs.
10, 15
RDELB,
RDELA
Connect a resistor between these pins and VSS to
program the duration of the rising edge
propagation delay of the corresponding output
relative to the logic inputs.
11, 14
VSS, VDD Output bias voltage. (VDD to VSS) range is 4.5V to
16V. VSS may be negative relative to VREF-.
12, 13
OUTB,
OUTA
6A peak outputs. Output voltage swing is
between VDD and VSS.
EPAD
Must be connected to logic ground (VREF-).
Ordering Information
PART NUMBER
(Notes 1, 2, 3)
PART MARKING
TEMP RANGE
(°C)
INPUT CONFIGURATION
PACKAGE
(Pb-Free)
PKG.
DWG. #
ISL89367FRTAZ
367A
-40 to +125
non-inverting
16 Ld 3x5 TDFN
L16.5x3
NOTES:
1. Add “-T”, suffix for tape and reel. Please refer to TB347 for details on reel specifications.
2. These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials, and 100% matte
tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations). Intersil
Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
3. For Moisture Sensitivity Level (MSL), please see device information page for ISL89367.For more information on MSL, please see Technical Brief
TB363.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com