| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
70592C Datasheet(PDF) 6 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
70592C Datasheet(HTML) 6 Page - Microchip Technology |
|
6 / 314 page ![]() PIC24HJXXXGPX06A/X08A/X10A DS70592C-page 6 © 2011 Microchip Technology Inc. Pin Diagrams 64-Pin QFN(1) PGEC2/SOSCO/T1CK/CN0/RC14 PGED2/SOSCI/T4CK/CN1/RC13 OC1/RD0 IC4/INT4/RD11 IC2/U1CTS/INT2/RD9 IC1/INT1/RD8 VSS OSC2/CLKO/RC15 OSC1/CLKIN/RC12 VDD SCL1/RG2 U1RTS/SCK1/INT0/RF6 U1RX/SDI1/RF2 U1TX/SDO1/RF3 RG15 AN16/T2CK/T7CK/RC1 AN17/T3CK/T6CK/RC2 SCK2/CN8/RG6 SDI2/CN9/RG7 SDO2/CN10/RG8 MCLR VSS VDD AN3/CN5/RB3 AN2/SS1/CN4/RB2 PGEC3/AN1/VREF-/CN3/RB1 PGED3/AN0/VREF+/CN2/RB0 SDA1/RG3 SS2/CN11/RG9 AN5/IC8/CN7/RB5 AN4/IC7/CN6/RB4 IC3/INT3/RD10 PIC24HJ64GP206A(2) PIC24HJ128GP206A PIC24HJ256GP206A Note 1: The metal plane at the bottom of the device is not connected to any pins and should be connected to VSS externally. 2: The PIC24HJ64GP206A device does not have the SCL2 and SDA2 pins. 3: Refer to Section 2.3 “CPU Logic Filter Capacitor Connection (Vcap)” for proper connection to this pin. = Pins are up to 5V tolerant 64 63 62 61 60 59 58 57 56 55 22 23 24 25 26 27 28 29 30 31 3 40 39 38 37 36 35 34 33 4 5 7 8 9 10 11 1 2 42 41 6 32 43 54 14 15 16 12 13 17 18 19 20 21 45 44 47 46 48 53 52 51 50 49 |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |