| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
PC-837 Datasheet(PDF) 1 Page - Sharp Corporation |
|
|
|||||||||||||||||||||||||||||
PC-837 Datasheet(HTML) 1 Page - Sharp Corporation |
|
1 / 4 page ![]() PC817 Series PC817 Series High Density Mounting Type Photocoupler s Features 1. Current transfer ratio 2. High isolation voltage between input and 3. Compact dual-in-line package s Applications 1. Computer terminals 2. System appliances, measuring instruments 3. Registers, copiers, automatic vending 4. Electric home appliances, such as fan output ( Viso machines heaters, etc. s Outline Dimensions ( Unit : mm) data books, etc. Contact SHARP in order to obtain the latest version of the device specification sheets before using any SHARP's device.” “ In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that occur in equipment using any of SHARP's devices, shown in catalogs, 4. Recognized by UL, file No. E64380 θ θ PC847 diagram Internal connection Internal connection diagram PC837 PC827 PC817 12 43 12 3 4 θ θ 1 Anode 2 Cathode 3 Emitter 4 Collector θ = 0 to 13 ˚ 1 2 34 5 6 7 8 12 34 5 6 7 8 1 3 Anode 2 4 Cathode 5 7 Emitter 6 8 Collector Anode mark θ θ θ= 0 to 13˚ 1 2 34 56 7 8 9 1 9 1357 Anode 2468 Cathode θ θ θ = 0 to 13˚ 1 2 34 56 7 8 9 12 34 56 7 8 9 135 Anode 246 Cathode 7 9 Emitter 8 Collector θ = 0 to 13˚ 9 Emitter Collector Internal connection diagram Internal connection diagram PC817 : 1-channel type PC827 : 2-channel type PC837 : 3-channel type PC847 : 4-channel type 5. Signal transmission between circuits of different potentials and impedances Anode mark gg TUV ( VDE0884 ) approved type is also available as an option. ( CTR: MIN. 50% at I F = 5mA ,VCE=5V) CTR rank mark g Lead forming type ( I type ) and taping reel type ( P type ) are also available. ( PC817I/PC817P ) : 5 000V rms ) 4.58 ± 0.5 0.5 ± 0.1 7.62 ± 0.3 0.26 ± 0.1 1.2 ± 0.3 0.9 ± 0.2 2.54 ± 0.25 2.54 ± 0.25 0.9 ± 0.2 1.2 ± 0.3 9.66 ± 0.5 0.5 ± 0.1 0.26 ± 0.1 7.62 ± 0.3 2.54 ± 0.25 0.9 ± 0.2 1.2 ± 0.3 19.82 ± 0.5 0.5 ± 0.1 0.26 ± 0.1 7.62 ± 0.3 2.54 ± 0.25 0.9 ± 0.2 1.2 ± 0.3 14.74 ± 0.5 0.5 ± 0.1 0.26 ± 0.1 7.62 ± 0.3 .. 11 11 12 12 11 12 11 12 13 14 15 16 11 12 13 14 15 16 11 12 13 14 15 16 10 10 23 4 5 6 7 8 10 10 10 10 |
Número de pieza similar - PC-837 |
|
Descripción similar - PC-837 |