| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
PC-837 Datasheet(PDF) 2 Page - Sharp Corporation |
|
|
|||||||||||||||||||||||||||||
PC-837 Datasheet(HTML) 2 Page - Sharp Corporation |
|
2 / 4 page ![]() *1 Pulse width <=100 µs, Duty ratio : 0.001 *3 For 10 seconds Parameter Symbol Rating Unit Input Forward current IF 50 mA *1Peak forward current I FM 1A Reverse voltage V R 6V Power dissipation P 70 mW Output Collector-emitter voltage V CEO 35 V Emitter-collector voltage V ECO 6V Collector current IC 50 mA Collector power dissipation P C 150 mW Total power dissipation P tot 200 mW *2Isolation voltage V iso Operating temperature T opr - 30 to + 100 ˚C Storage temperature T stg - 55 to + 125 ˚C *3Soldering temperature T sol 260 ˚C *4 Classification table of current transfer ratio is shown below. PC817 Series s Absolute Maximum Ratings s Electro-optical Characteristics Model No. CTR ( % ) PC817A PC817B PC817C PC817D Rank mark A B C D A or B B or C C or D A, B or C B, C or D A, B, C or D 80 to 160 130 to 260 200 to 400 300 to 600 80 to 260 130 to 400 200 to 600 80 to 400 130 to 600 80 to 600 50 to 600 A, B, C, D or No mark 0 -25 30 0 25 50 75 100 125 40 50 60 20 10 Fig. 1 Forward Current vs. Ambient Temperature Ambient temperature Ta (˚C) ( Ta = 25˚C) ( Ta = 25˚C) 5 000 *2 40 to 60% RH, AC for 1 minute Parameter Symbol Conditions MIN. TYP. MAX. Unit Input Forward voltage V F IF = 20mA - 1.2 1.4 V Peak forward voltage V FM IFM = 0.5A - - 3.0 V Reverse current IR VR =4V - - 10 µ A Terminal capacitance Ct V = 0, f = 1kHz - 30 250 pF Output Collector dark current ICEO VCE = 20V - - 10 -7 A Transfer charac- teristics *4Current transfer ratio CTR IF = 5mA, V CE = 5V 50 - 600 % Collector-emitter saturation voltage V CE(sat) IF = 20mA, I C = 1mA - 0.1 0.2 V Isolation resistance R ISO DC500V, 40 to 60% RH 5 x 1010 1011 - Ω Floating capacitance Cf V = 0, f = 1MHz - 0.6 1.0 pF Cut-off frequency fc VCE = 5V, I C = 2mA, R L = 100 Ω, - 3dB - 80 - kHz Response time Rise time t r VCE = 2V, I C = 2mA, R L = 100 Ω -4 18 µ s -3 18 µ s Fall time tf V rms PC8 g7AB PC8 g7BC PC8 g7CD PC8 g7AC PC8 g7BD PC8 g7AD PC8 g 7 g : 1 or 2 or 3 or 4 |