Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

MAX2829 Datasheet(PDF) 34 Page - Maxim Integrated Products

No. de pieza MAX2829
Descripción Electrónicos  Single-/Dual-Band 802.11a/b/g World-Band Transceiver ICs
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MAXIM [Maxim Integrated Products]
Página de inicio  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2829 Datasheet(HTML) 34 Page - Maxim Integrated Products

Back Button MAX2829 Datasheet HTML 30Page - Maxim Integrated Products MAX2829 Datasheet HTML 31Page - Maxim Integrated Products MAX2829 Datasheet HTML 32Page - Maxim Integrated Products MAX2829 Datasheet HTML 33Page - Maxim Integrated Products MAX2829 Datasheet HTML 34Page - Maxim Integrated Products MAX2829 Datasheet HTML 35Page - Maxim Integrated Products MAX2829 Datasheet HTML 36Page - Maxim Integrated Products MAX2829 Datasheet HTML 37Page - Maxim Integrated Products MAX2829 Datasheet HTML 38Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 39 page
background image
Single-/Dual-Band 802.11a/b/g
World-Band Transceiver ICs
34
______________________________________________________________________________________
Band-Select and PLL Register Definition
(A3:A0 = 0101)
This register configures the programmable-reference
frequency dividers for the synthesizers, and sets the
DC current for the charge pump. The programmable-
reference frequency divider provides the reference fre-
quencies to the phase detector by dividing the crystal
oscillator frequency (see Table 13).
Calibration Register Definition (A3:A0 = 0110)
This register configures the Rx/Tx calibration modes
(See Table 14).
DATA BIT
DEFAULT
DESCRIPTION
D13
0
Set to 0 for Normal Operation. Set to 1 for MIMO applications.
D12
1
D11
1
Set D12:D11 = 11
D10
0
D9
0
These Bits Set the VCO Sub-Band when Programmed Using the SPI (D8 = 1). D10:D9 = 00: lowest
frequency band; 11: highest frequency band.
D8
0
VCO SPI Bandswitch Enable. 0: disable SPI control, bandswitch is done by FSM; 1: bandswitch is
done by SPI programming.
D7
0
VCO Bandswitch Enable. 0: disable; 1: start automatic bandswitch.
D6
0
RF Frequency Band Select in 802.11a Mode (D0 = 1). 0: 4.9GHz to 5.35GHz Band; 1: 5.47GHz to
5.875GHz Band.
D5
1
PLL Charge-Pump-Current Select. 0: 2mA; 1: 4mA.
D4
0
Set to 0
D3
0
D2
1
D1
0
These Bits Set the Reference-Divider Ratio. D3:D1 = 001 corresponds to R = 1 and 111
corresponds to R = 7.
D0
0
RF Frequency Band Select. 0: 2.4GHz Band; 1: 5GHz band.
Table 13. Band-Select and PLL Register (A3:A0 = 0101)
DATA BIT
DEFAULT
DESCRIPTION
D13
0
Set to 0
D12
1
D11
1
Transmitter I/Q Calibration LO
Leakage and Sideband-Detector
Gain-Control Bits. D12:D11 = 00:
8dB; 01: 18dB; 10: 24dB; 11: 34dB
D10
1
Set to 1
D9
0
D8
0
D7
0
D6
0
D5
0
D4
0
D3
0
D2
0
Set to 0
D1
0
0: Tx Calibration Mode Disabled; 1:
Tx Calibration Mode Enabled (Rx
outputs provide the LO leakage and
sideband-detector signal)
D0
0
0: RX Calibration Mode Disabled; 1:
Rx Calibration Mode Enabled
Table 14. Calibration Register
(A3:A0 = 0110)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com