Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

MAX2829 Datasheet(PDF) 35 Page - Maxim Integrated Products

No. de pieza MAX2829
Descripción Electrónicos  Single-/Dual-Band 802.11a/b/g World-Band Transceiver ICs
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MAXIM [Maxim Integrated Products]
Página de inicio  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2829 Datasheet(HTML) 35 Page - Maxim Integrated Products

Back Button MAX2829 Datasheet HTML 31Page - Maxim Integrated Products MAX2829 Datasheet HTML 32Page - Maxim Integrated Products MAX2829 Datasheet HTML 33Page - Maxim Integrated Products MAX2829 Datasheet HTML 34Page - Maxim Integrated Products MAX2829 Datasheet HTML 35Page - Maxim Integrated Products MAX2829 Datasheet HTML 36Page - Maxim Integrated Products MAX2829 Datasheet HTML 37Page - Maxim Integrated Products MAX2829 Datasheet HTML 38Page - Maxim Integrated Products MAX2829 Datasheet HTML 39Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 35 / 39 page
background image
Single-/Dual-Band 802.11a/b/g
World-Band Transceiver ICs
______________________________________________________________________________________
35
DATA BIT
DEFAULT
DESCRIPTION
D13
0
D12
0
Set to 0
D11
0
RSSI High Bandwidth Enable. 0: 2MHz; 1: 6MHz
D10
0
D9
0
D8
0
D7
0
Set to 0
D6
0
D5
1
Tx LPF Corner Frequency Coarse Adjustment. D6:D5 = 00: undefined; 01: 12MHz (nominal mode); 10:
18MHz (turbo mode 1); 11: 24MHz (turbo mode 2).
D4
0
D3
1
Rx LPF Corner Frequency Coarse Adjustment. D4:D3 = 00: 7.5MHz; 01: 9.5MHz (nominal mode); 10:
14MHz (turbo mode 1); 11: 18MHz (turbo mode 2).
D2
0
D1
1
D0
0
Rx LPF Corner Frequency Fine Adjustment (Relative to the Course Setting). D2:D0 = 000: 90%; 001:
95%; 010: 100%; 011: 105%; 100: 110%.
Table 15. Lowpass-Filter Register (A3:A0 = 0111)
DATA BIT
DEFAULT
DESCRIPTION
D13
0
Set to 0
D12
0
Enable Rx VGA Gain Programming Serially. 0: Rx VGA gain programmed with external digital inputs
(B7:B1); 1: Rx VGA gain programmed with serial data bits in the Rx gain register (D6:D0).
D11
0
RSSI Output Range. 0: low range (0.5V to 2V); 1: high range (0.5V to 2.5V).
D10
0
RSSI Operating Mode. 0: RSSI disabled if RXHP = 0, and enabled if RXHP = 1; 1: RSSI enabled
independent of RXHP (see Table 16c).
D9
0
Set to 0
D8
0
RSSI Pin Function. 0: outputs RSSI signal in Rx mode; 1: outputs temperature sensor voltage in Rx,
Tx, and standby modes (see Table 16c).
D7
0
D6
0
Set to 0
D5
1
Set to 1
D4
0
D3
0
Set to 0
D2
1
Rx Highpass -3dB Corner Frequency when RXHP = 0. 0: 100Hz; 1: 30kHz
D1
0
D0
1
Set D1:D0 = 01
Table 16a. Rx Control/RSSI Register (A3:A0 = 1000)
Lowpass Filter Register Definition (A3:A0 = 0111)
This register allows the adjustment of the Rx and Tx
lowpass filter corner frequencies (see Table 15).
Rx Control/RSSI Register Definition (A3:A0 = 1000)
This register allows the adjustment of the Rx section
and the RSSI output (see Tables 16a and 16b).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com