Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

TPD4EUSB30 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPD4EUSB30
Descripción Electrónicos  2, 4-CHANNEL PROTECTION SOLUTION FOR SUPER-SPEED (6 GBPS) USB 3.0 INTERFACE
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPD4EUSB30 Datasheet(HTML) 3 Page - Texas Instruments

  TPD4EUSB30 Datasheet HTML 1Page - Texas Instruments TPD4EUSB30 Datasheet HTML 2Page - Texas Instruments TPD4EUSB30 Datasheet HTML 3Page - Texas Instruments TPD4EUSB30 Datasheet HTML 4Page - Texas Instruments TPD4EUSB30 Datasheet HTML 5Page - Texas Instruments TPD4EUSB30 Datasheet HTML 6Page - Texas Instruments TPD4EUSB30 Datasheet HTML 7Page - Texas Instruments TPD4EUSB30 Datasheet HTML 8Page - Texas Instruments TPD4EUSB30 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
TPD2EUSB30, TPD2EUSB30A, TPD4EUSB30
www.ti.com
SLVSAC2A – AUGUST 2010 – REVISED DECEMBER 2010
ABSOLUTE MAXIMUM RATINGS
(1)
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
IO voltage tolerance
D+, D– pins
0
6
TA
Operating free-air temperature range
–40
85
°C
Tstg
Storage temperature range
–65
125
°C
IEC 61000-4-2 Contact Discharge
D+, D– pins
±8
kV
IEC 61000-4-2 Air-Gap Discharge
D+, D– pins
±8
kV
ESD protection
(TPD2EUSB30/A)
IEC 61000-4-2 Air-Gap Discharge
D+, D– pins
±9
kV
(TPD4EUSB30)
Peak pulse current (tp = 8/20 ms)
D+, D– pins
5
A
Peak pulse power (tp = 8/20 ms)
D+, D– pins
45
W
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the
specifications is not implied. Exposure to absolute maximum-rated conditions for extended periods may affect device reliability.
ELECTRICAL CHARACTERISTICS
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Reverse stand-off voltage,
D+,D– pins to ground
5.5
V
TPD2EUSB30, TPD4EUSB30
VRWM
Reverse stand-off voltage,
D+,D– pins to ground
3.6
V
TPD2EUSB30A
Vclamp
Clamp voltage
D+,D– pins to ground,
IIO = 1 A
8
V
IIO
Current from IO port to supply pins
VIO = 2.5 V,
ID = 8 mA
0.01
0.1
mA
D+,D– pins,
VIO = 2.5 V,
VD
Diode forward voltage
0.6
0.8
0.95
V
lower clamp diode,
ID = 8 mA
Rdyn
Dynamic resistance
D+,D– pins
I = 1 A
1
Ω
CIO-IO
Capacitance IO to IO
D+,D– pins
VIO = 2.5 V
0.05
pF
D+,D– pins (DRT)
0.7
CIO-GND Capacitance IO to GND
VIO = 2.5 V
pF
D1+, D1-,
0.8
D2+, D2- (DQA )
Break-down voltage, TPD2EUSB30,
IIO = 1 mA
7
V
TPD4EUSB30
VBR
Break-down voltage,
IIO = 1 mA
4.5
V
TPD2EUSB30A
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): TPD2EUSB30, TPD2EUSB30A, TPD4EUSB30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com